Electronic Components Datasheet Search
  English  ▼

X  

SS12T3 Datasheet(PDF) 18 Page - ON Semiconductor

Part # SS12T3
Description  High Efficiency DC-DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS12T3 Datasheet(HTML) 18 Page - ON Semiconductor

Back Button SS12T3 Datasheet HTML 12Page - ON Semiconductor SS12T3 Datasheet HTML 13Page - ON Semiconductor SS12T3 Datasheet HTML 14Page - ON Semiconductor SS12T3 Datasheet HTML 15Page - ON Semiconductor SS12T3 Datasheet HTML 16Page - ON Semiconductor SS12T3 Datasheet HTML 17Page - ON Semiconductor SS12T3 Datasheet HTML 18Page - ON Semiconductor SS12T3 Datasheet HTML 19Page - ON Semiconductor SS12T3 Datasheet HTML 20Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Page 18
Portable Solutions
LDO Voltage Regulators
Single Output Low-Dropout Linear Regulators (LDOs)
Device
Iout
Dropout* (typ)
Iq** (typ)
PSRR****
Absolute
Max Input
Voltage
Package(s)-pins
Vout
Features
NCP51
80 mA
160 mV
0 μA
60 dB
6 V
SC-70-5
1.5, 1.8, .5, .7, .8, , .1,
., 5 V
Enable
NCP55
80 mA
650 mV
.8 μA
5 dB
1 V
SC8AB-
1.5, 1.8, .5, .7, .8, ,
., 5 V
Ultra Low Iq, No Cap
LM91A/C/AC
100 mA
160 mV
00 μA
(@10mA)
90 dB
0 V
SO-8, TO-9-, TO-0-/5,
DPAK-, DPAK-/5
Adj, 5 V
High PSRR
LP950C/AC
100 mA
50 mV
75 μA
—
0 V
DPAK-, TO-9-
, ., 5 V
Tight Line & Load Reg.
LP951C/AC
100 mA
50 mV
75 μA
—
0 V
SO-8, Micro8, DIP-8
Adj, , ., 5 V
Enable, Error Output
NCP612
100 mA
00 mV
0 μA
60 dB
6 V
SC-70-5
1.5, 1.8, .5, .7, .8, , .1,
., 5 V
Enable
NCP662
100 mA
0 mV
.5 μA
5 dB
6 V
SC8AB-
1.5, 1.8, .5, .7, .8, ,
., 5 V
Enable, Ultra Low Iq
NCP663
100 mA
0 mV
.5 μA
5 dB
6 V
SC8AB-
1.5, 1.8, .5, .7, .8, ,
., 5 V
Ultra Low Iq
NCP580
10 mA
180 mV
90 μA
80 dB
6.5 V
SC8AB-
1.5, 1.8, .5, .8, , . V
Enable, Ultra Low Noise
MC78PC
150 mA
00 mV (@100 mA)
5 μA
70 dB
9 V
SOT--5
1.8, .5, .8, , ., 5 V
Enable, Ultra Low Noise
NCP500
150 mA
150 mV
175 μA
6 dB
6 V
SOT--5, (x.) DFN-6
1.8, 1.85, .5, .6, .7, .8,
, ., 5 V
Enable, Fast Transient
NCP511
150 mA
90 mV (@100 mA)
0 μA
60 dB
6 V
SOT--5
1.5, 1.8, .5, .7, .8, ,
., 5 V
Enable
NCP551
150 mA
70 mV
.0 μA
5 dB
1 V
SOT--5
1.5, 1.8, .5, .7, .8, ,
., 5 V
Enable, Ultra Low Iq
NCP623
150 mA
180 mV
170 μA
90 dB
1 V
Micro8, (x) DFN-6
., , 5 V
Enable, Ultra Low Noise
NCP582
150 mA
0 mV
75 μA
70 dB
6.5 V
SOT-56-6, SC8AB-
1.5, 1.8, .5, .8, .9, , . V Enable, Ultra Low Noise
NCP583
150 mA
50 mV
1.0 μA
5 dB
6.5 V
SOT-56-6, SC8AB-
1.5, 1.8, .5, .8, .9, , . V Enable, Ultra Low Iq
NCP600***
150 mA
100 mV
175 μA
6 dB
6 V
SOT--5
Adj
Enable, Fast Turn-ON
NCP584
00 mA
00 mV
.5 μA
75 dB
6.5 V
SOT--5
0.9, 1., 1.5, 1.8, 2.6, 3.1 V
Enable, Tri-Mode
MC75
00 mA
60 mV
15 μA
75 dB
1 V
SO-8, DPAK-, SOT--,
(x) DFN-8
.5, , ., 5 V
Tight Line & Load Reg.
NCP585
00 mA
10 mV
.5 μA
75 dB
6.5 V
SOT--5, HSON-6
0.9, 1., 1.8 V
Enable, Tri-Mode
NCP3334***
500 mA
0 mV (max)
190 uA
—
16 V
SO-8
Adj
Enable, High Accuracy
NCP3335A
500 mA
0 mV (max)
190 μA
75 dB
16 V
Micro8, (x) DFN-10
Adj, .5, .85, ., 5 V
Enable, High Accuracy
*
Voltage dropout was measured at full load for Vout = . V where applicable unless noted.
**
Iq was measured at 0 or 0.1 mA load unless noted
***
Release to Market in Q-006
**** PSRR was measured at f = 10 Hz for Vout = . when applicable.
Bold Denotes NEW Products, Packages, and/or Voltage Options
Contact an ON Sales Representative for other voltage options or for automotive grade regulators.
Key Performance Characteristics
• Maintains accuracy over full temperature and load
current operating conditions
+4.0%
+1.5%
0%
-1.5%
-4.0%
NCP3335A
Enhanced
Tolerance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com