Electronic Components Datasheet Search
  English  ▼

X  

ZLLS2000 Datasheet(PDF) 7 Page - Zetex Semiconductors

Part # ZLLS2000
Description  40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZLLS2000 Datasheet(HTML) 7 Page - Zetex Semiconductors

  ZLLS2000 Datasheet HTML 1Page - Zetex Semiconductors ZLLS2000 Datasheet HTML 2Page - Zetex Semiconductors ZLLS2000 Datasheet HTML 3Page - Zetex Semiconductors ZLLS2000 Datasheet HTML 4Page - Zetex Semiconductors ZLLS2000 Datasheet HTML 5Page - Zetex Semiconductors ZLLS2000 Datasheet HTML 6Page - Zetex Semiconductors ZLLS2000 Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
ZLLS2000
SEMICO NDUC TORS
ISSUE 4 - APRIL 2007
7
Europe
Zetex GmbH
Kustermann-Park
Balanstraße 59
D-81541 München
Germany
Telefon: (49) 89 45 49 49 0
Fax: (49) 89 45 49 49 49
europe.sales@zetex.com
Americas
Zetex Inc
700 Veterans Memorial Hwy
Hauppauge, NY 11788
USA
Telephone: (1) 631 360 2222
Fax: (1) 631 360 8222
usa.sales@zetex.com
Asia Pacific
Zetex (Asia) Ltd
3701-04 Metroplaza Tower 1
Hing Fong Road, Kwai Fong
Hong Kong
Telephone: (852) 26100 611
Fax: (852) 24250 494
asia.sales@zetex.com
Corporate Headquarters
Zetex Semiconductors plc
Zetex Technology Park
Chadderton, Oldham, OL9 9LL
United Kingdom
Telephone (44) 161 622 4444
Fax: (44) 161 622 4446
hq@zetex.com
These offices are supported by agents and distributors in major countries world-wide.
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced
for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company
reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
For the latest product information, log on to www.zetex.com
© Zetex Semiconductors plc 2007
PAD LAYOUT DETAILS
PACKAGE DIMENSIONS
DIM
Millimeters
Min.
Max.
A
0.90
1.45
A1
0.00
0.15
A2
0.90
1.30
b
0.20
0.50
C
0.09
0.26
D
2.70
3.10
E
2.20
3.20
E1
1.30
1.80
L
0.10
0.60
e0.95 REF
e1
1.90 REF
0
30



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com