Electronic Components Datasheet Search
  English  ▼

X  

70080 Datasheet(PDF) 1 Page - Belden Inc.

Part # 70080
Description  70080 - 75 Ohm SDI Coax, Mini RG-59, 22 AWG Solid BC, Foil 80% TC Braid, PVC Jkt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

70080 Datasheet(HTML) 1 Page - Belden Inc.

  70080 Datasheet HTML 1Page - Belden Inc. 70080 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 70080
70080 - 75 Ohm SDI Coax, Mini RG-59, 22 AWG Solid BC, Foil + 80% TC
Braid, PVC Jkt
Product Description
75 Ohm SDI Coax, Mini RG-59, 22 AWG Solid Bare Copper Conductor, PE Insulation, Foil + 80% Tinned Copper Braid Shield, PVC Jacket.
Technical Specifications
Product Overview
Suitable Applications:
Digital Video, 6 Gb/s UHDTV, HD-SDI 1080p; The cable is UV-resistant and suitable for indoor and outdoor use
Construction Details
RG Type:
Mini 59
Conductor
No. of Elements
Size
Stranding Nom. Diameter
Material
1
22 AWG Solid
0.65 mm
BC - Bare Copper
Insulation
Element
Material
Nom. Insulation Diameter
Insulated Conductor PE - Polyethylene (Foam) 2.9 mm (0.11 in)
Outer Shield
Layer Outer Shield Type
Material
Coverage
1
Tape
Tri-Laminate (Alum+Poly+Alum) 100%
2
Braid
Tinned Copper (TC)
80%
Outer Jacket
Material
Nom. Diameter
PVC - Polyvinyl Chloride 4.45 mm
Electrical Characteristics
Return Loss (RL)
Frequency
Min. Return Loss
5 - 1600 MHz
23 dB
1600 - 4500 MHz 21 dB
Attenuation
Frequency Nom. Attenuation
1 MHz
1.7 dB/100m
3.6 MHz
2.5 dB/100m
10 MHz
3.7 dB/100m
71.5 MHz
8.6 dB/100m
135 MHz
11.5 dB/100m
270 MHz
16.1 dB/100m
360 MHz
18.6 dB/100m
540 MHz
22.8 dB/100m
720 MHz
26.4 dB/100m


Similar Part No. - 70080

ManufacturerPart #DatasheetDescription
logo
Wixroyd Group Ltd
70080 WIXROYD-70080 Datasheet
75Kb / 1P
with grub screw
70080.W0051 WIXROYD-70080.W0051 Datasheet
75Kb / 1P
with grub screw
70080.W0052 WIXROYD-70080.W0052 Datasheet
75Kb / 1P
with grub screw
70080.W0053 WIXROYD-70080.W0053 Datasheet
75Kb / 1P
with grub screw
70080.W0054 WIXROYD-70080.W0054 Datasheet
75Kb / 1P
with grub screw
More results

Similar Description - 70080

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
179DT BELDEN-179DT Datasheet
242Kb / 3P
Serial Digital Coax, Ultra-miniature, RG179 Type, 28.5 AWG Solid BC, Foil TC Braid, CMR
1505A BELDEN-1505A Datasheet
251Kb / 4P
Serial Digital Coax, RG59, #20 Solid BC, Foil 95% TC Braid, CMR
4855P BELDEN-4855P Datasheet
113Kb / 3P
12 GHz Coax, 4K UHD Precision Video Coax, Mini RG-59 Type, 75 Ohm, 23 AWG Solid, CMP
7731A BELDEN-7731A Datasheet
247Kb / 4P
Serial Digital Coax, RG11, #14 Solid BC, Foil 95% TC braid, CMR
7732A BELDEN-7732A Datasheet
240Kb / 3P
Serial Digital Coax, RG11, #14 Solid BC, Foil 95% TC braid, CMP
1505F BELDEN-1505F Datasheet
243Kb / 2P
75 Ohm SDI Coax, RG-59, 22 AWG Str BC, Double 95% TC Braid
8241 BELDEN-8241 Datasheet
235Kb / 2P
75 Ohm Analog Video Coax, RG-59, 23 AWG Solid BCCS, 95% BC Braid, PVC Jkt, CM
8219 BELDEN-8219 Datasheet
229Kb / 2P
50 Ohm Wireless Transmission Coax, RG-58, 20 AWG Str TC, 95% TC Braid, PVC Jkt, CM
7733A BELDEN-7733A Datasheet
145Kb / 2P
50 Ohm Wireless Transmission Coax, RG-8, 10 AWG Solid BC, Foil 90% TC Braid, PVDF Jkt, CMP, Low Loss
04-14-2023
7808A BELDEN-7808A Datasheet
241Kb / 3P
50 Ohm Wireless Transmission Coax, RF 240, RG58X, 15 AWG Solid BC, Foil 95% TC Braid, PE Jkt
12-15-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com