Electronic Components Datasheet Search
  English  ▼

X  

70080 Datasheet(PDF) 2 Page - Belden Inc.

Part # 70080
Description  70080 - 75 Ohm SDI Coax, Mini RG-59, 22 AWG Solid BC, Foil 80% TC Braid, PVC Jkt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

70080 Datasheet(HTML) 2 Page - Belden Inc.

  70080 Datasheet HTML 1Page - Belden Inc. 70080 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
750 MHz
26.9 dB/100m
1000 MHz
31.3 dB/100m
1500 MHz
38.7 dB/100m
2250 MHz
48 dB/100m
3000 MHz
56.1 dB/100m
4000 MHz
65.7 dB/100m
4500 MHz
70.2 dB/100m
Table Notes:
Max. attenuation 10% higher
Electricals
Max. Conductor DCR
Nom. Capacitance Cond-to-Shield Nom. Characteristic Impedance Nom. Velocity of Prop.
55 Ohm/km (17 Ohm/1000ft) 53 pF/m (16 pF/ft)
75 Ohm
84%
Mechanical Characteristics
Temperature
Operating
Installation
Storage
-30°C To +70°C -5°C To +50°C -30°C To +70°C
Bend Radius
Stationary Min.
45 mm (1.8 in)
Max. Pull Tension:
160 N (36 lbf)
Standards and Compliance
Environmental Suitability:
Indoor - Euroclass Eca
Flammability / Reaction to Fire:
IEC 60332-1-2
CPR Compliance:
CPR Euroclass: Eca
CENELEC Compliance:
EN 50117-1EN 50290-2-20
European Directive Compliance: EU CE Mark
UK Regulation Compliance:
UKCA Mark
Other Standard Compliance(s):
SDTV/HDTV
History
Update and Revision:
Revision Number: 0.230 Revision Date: 03-30-2023
Part Numbers
Variants
Item #
Color
Putup Type Length
EAN
70080.00500 Black
Reel
500 m
8719605010797
70080.04500 Orange Reel
500 m
8719605010841
© 2024 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com