Electronic Components Datasheet Search
  English  ▼

X  

83265 Datasheet(PDF) 1 Page - Belden Inc.

Part # 83265
Description  Mil-Spec Coax, 50 Ohm, RG-178, 30 AWG Str SCCS, 95% SC Braid, FEP Jkt, Commercial Non-QPL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

83265 Datasheet(HTML) 1 Page - Belden Inc.

  83265 Datasheet HTML 1Page - Belden Inc. 83265 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 83265
Mil-Spec Coax, 50 Ohm, RG-178, 30 AWG Str SCCS, 95% SC Braid, FEP
Jkt, Commercial Non-QPL
Product Description
Mil-Spec Coax, 50 Ohm, RG-178, 30 AWG (7x38) Silvered Copper Covered Steel Conductor, PTFE Insulation, 95% Silvered Copper Braid Shield, FEP Jacket,
Commercial, non-QPL
Technical Specifications
Product Overview
Suitable Applications:
Aerospace wireless communication
Construction Details
RG Type:
178
Conductor
Size
Stranding Nom. Diameter
Material
30 AWG 7x38
0.012 in
SCCS - Silvered Copper Covered Steel
Insulation
Material
Nom. Insulation Diameter Color Code
PTFE - Polytetrafluoroethylene 0.033 in (0.84 mm)
White
Outer Shield
Layer Outer Shield Type
Material
Coverage
1
Braid
Silvered Copper (SC) 95%
Outer Jacket
Material
Nom. Diameter
FEP - Fluorinated Ethylene Propylene 0.071 in (1.8 mm)
Overall Cable Diameter (Nominal): 0.071 in (1.8 mm)
Electrical Characteristics
VSWR
Frequency
Max. VSWR
50 MHz - 1000 MHz per M17/93-RG178
Attenuation
Frequency Nom. Attenuation
1 MHz
2.6 dB/100ft
10 MHz
5.6 dB/100ft
50 MHz
10.5 dB/100ft
100 MHz
14.0 dB/100ft
200 MHz
19.0 dB/100ft
400 MHz
28.0 dB/100ft
700 MHz
37.0 dB/100ft
900 MHz
42.5 dB/100ft
1000 MHz
46.0 dB/100ft


Similar Part No. - 83265

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
83265 ETC2-83265 Datasheet
37Kb / 3P
30 AWG stranded (7x38) .012 silver-plated copper-covered steel conductor, TFE PTFE insulation
83265009100 ETC2-83265009100 Datasheet
37Kb / 3P
30 AWG stranded (7x38) .012 silver-plated copper-covered steel conductor, TFE PTFE insulation
832650091000 ETC2-832650091000 Datasheet
37Kb / 3P
30 AWG stranded (7x38) .012 silver-plated copper-covered steel conductor, TFE PTFE insulation
83265009500 ETC2-83265009500 Datasheet
37Kb / 3P
30 AWG stranded (7x38) .012 silver-plated copper-covered steel conductor, TFE PTFE insulation
More results

Similar Description - 83265

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
C34-5011 AMPHENOL-C34-5011 Datasheet
298Kb / 1P
50 OHM HD-BNC STR PLUG FOR RG 178 CABLE
C34-5012 AMPHENOL-C34-5012 Datasheet
160Kb / 1P
50 OHM HD-BNC RA PLUG FOR RG 178 CABLE
logo
List of Unclassifed Man...
50CX-41 ETC2-50CX-41 Datasheet
67Kb / 1P
30 AWG, 50 Ohm Coax
logo
Belden Inc.
1505F BELDEN-1505F Datasheet
243Kb / 2P
75 Ohm SDI Coax, RG-59, 22 AWG Str BC, Double 95% TC Braid
8216 BELDEN-8216 Datasheet
229Kb / 2P
50 Ohm Wireless Transmission Coax, RG-174
9913 BELDEN-9913 Datasheet
237Kb / 2P
50 Ohm Wireless Transmission Coax, RG-8
8241 BELDEN-8241 Datasheet
235Kb / 2P
75 Ohm Analog Video Coax, RG-59, 23 AWG Solid BCCS, 95% BC Braid, PVC Jkt, CM
8219 BELDEN-8219 Datasheet
229Kb / 2P
50 Ohm Wireless Transmission Coax, RG-58, 20 AWG Str TC, 95% TC Braid, PVC Jkt, CM
7733A BELDEN-7733A Datasheet
145Kb / 2P
50 Ohm Wireless Transmission Coax, RG-8, 10 AWG Solid BC, Foil 90% TC Braid, PVDF Jkt, CMP, Low Loss
04-14-2023
7808A BELDEN-7808A Datasheet
241Kb / 3P
50 Ohm Wireless Transmission Coax, RF 240, RG58X, 15 AWG Solid BC, Foil 95% TC Braid, PE Jkt
12-15-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com