Electronic Components Datasheet Search
  English  ▼

X  

83265 Datasheet(PDF) 2 Page - Belden Inc.

Part # 83265
Description  Mil-Spec Coax, 50 Ohm, RG-178, 30 AWG Str SCCS, 95% SC Braid, FEP Jkt, Commercial Non-QPL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

83265 Datasheet(HTML) 2 Page - Belden Inc.

  83265 Datasheet HTML 1Page - Belden Inc. 83265 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Rating
Frequency Max. Power Rating
50 MHz
380 W
100 MHz
253 W
200 MHz
170 W
400 MHz
113 W
700 MHz
81 W
900 MHz
70 W
1,000 MHz
66 W
Electricals
Nom. Conductor DCR
Nom. Outer Shield DCR
Nom. Capacitance Cond-to-Shield Nom. Characteristic Impedance Nom. Velocity of Prop.
232 Ohm/1000ft (761 Ohm/km) 14.6 Ohm/1000ft (47.9 Ohm/km) 29 pF/ft (95 pF/m)
50 Ohm
70%
Voltage
UL Voltage Rating
Voltage Rating
30 V (UL AWM 1637) 750 V (Mil-Spec)
Mechanical Characteristics
Temperature
UL Temperature
Operating
90°C (UL AWM 1637) -70°C to +200°C
Bend Radius
Installation Min.
1 in (25 mm)
Max. Pull Tension:
12 lbs (5.4 kg)
Bulk Cable Weight:
5 lbs/1000ft
Standards and Compliance
Environmental Suitability:
Indoor/Outdoor, Indoor, Outdoor, Aerial - When supported by messenger wire
Sustainability:
CA Prop 65
AWM Compliance:
AWM 1637
Military Compliance:
Commercial, non-QPL product (M17/93-RG178)
European Directive Compliance:
EU CE Mark, EU Directive 2015/863/EU (RoHS 2 amendment), REACH, EU Directive 2011/65/EU (RoHS 2), EU Directive 2012/19/EU (WEEE)
APAC Compliance:
China RoHS II (GB/T 26572-2011)
History
Update and Revision:
Revision Number: 0.502 Revision Date: 11-27-2023
Part Numbers
Variants
Item #
Color Putup Type Length
UPC
Footnote
83265 009100
White
Reel
100 ft
612825203698 E
83265 009500
White
Reel
500 ft
612825203711 E
83265 0091000 White
Reel
1,000 ft 612825203704 E
© 2024 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com