Electronic Components Datasheet Search
  English  ▼

X  

9040F Datasheet(PDF) 1 Page - Heyco.

Part # 9040F
Description  Snap Rivets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEYCO [Heyco.]
Direct Link  https://www.heyco.com/
Logo HEYCO - Heyco.

9040F Datasheet(HTML) 1 Page - Heyco.

  9040F Datasheet HTML 1Page - Heyco. 9040F Datasheet HTML 2Page - Heyco.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
7-76
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
“Stay Connected” with
HEYware Products
®
Quick
Specs
• Designed for fast and easy installation
with no tools - just fingertip pressure
required.
• Simply place rivet into the hole and
press down on the head to fasten; legs
expand to securely fasten components.
• To release, simply pull up on rivet
head section.
• Round head provides a clean,
finished look.
• Part Description Key: PR X-Y where
X = Mounting Hole Diameter
(inches) and Y = minimum Panel
Thickness (inches).
• Standard Material: Nylon 6. Nylon 6/6 UL
94V-0 available by special order,
consult Heyco.
• Standard Pack - 1,000/bag.
HEYClip™ Snap Rivets
STANDARD
PACK
1,000/BAG
Material
Nylon 6 UL V-2
Flammability Rating
94V-2
Temperature Range
-40°F (-40°C) to 239°F (115°C)
B
C
STYLE 1
STYLE 2
A
Standard colors black and white.
*Black nylon 6/6 UL 94V-0.
WILL FIT THESE PANELS
PART NO.
DESCRIPTION
PART DIMENSIONS
EXTRACTION
MOUNTING
ASSEMBLED
AB
C
FORCE
HOLE DIA.
PANEL THICKNESS
V-0
Length
Head
Head
Min.
Max.
Black White Black
Height
Diameter
Style
in.
mm.
in.
mm.
in. mm.
*
in.
mm.
in.
mm.
in.
mm.
N
PR Series
.02
0,5
.05
1,3 9296
9297 9296F
PR 083-024
.10
2,5
.05
1,3
.08
2,0 9300
9301 9300F
PR 083-051
.13
3,3
.083
2,1
.08
2,0
.11
2,8 9302
9303 9302F
PR 083-083
.16
4,1
.05
1,3
.17
4,3
29
2
.11
2,8
.14
3,6 9304
9305 9304F
PR 083-114
.19
4,8
.15
3,8
.17
4,3 9306
9307 9306F
PR 083-146
.22
5,6
.17
4,3
.20
5,1 9308
9309 9308F
PR 083-173
.25
6,4
.04
1,0
.08
2,0 9020
9021 9020F
PR 102-039
.13
3,3
.08
2,0
.12
3,0 9022
9023 9022F
PR 102-082
.17
4,3
.102
2,6
.11
2,8
.14
3,6 9024
9025 9024F
PR 102-106
.19
4,8
.06
1,5
.20
5,1
49
2
.13
3,3
.17
4,3 9026
9027 9026F
PR 102-134
.22
5,6
.17
4,3
.21
5,3 9310
9311 9310F
PR 102-169
.25
6,4
.20
5,1
.24
6,1 9312
9313 9312F
PR 102-201
.28
7,1
.106
2,7
.13
3,3
.17
4,3 19000 19001 19000F
PR 106-133
.23
5,8
.06
1,5
.20
5,1
49
.118
3,0
.14
3,5
.18
4,6 19002 19003 19002F
PR 118-137
.30
7,6
.07
1,8
.24
6,1
122
2
.14
3,5
.22
5,6 19004 19005 19004F
PR 118-138
.31
7,9
.06
1,5
.24
6,1
.04
1,0
.08
2,0 9028
9029 9028F
PR 122-039
.14
3,5
.08
2,0
.12
3,0 9030
9031 9030F
PR 122-079
.18
4,6
.12
3,0
.16
4,1 9032
9033 9032F
PR 122-118
.22
5,6
.16
4,1
.19
4,8 9034
9035 9034F
PR 122-157
.26
6,6
.122
3,1
.20
5,1
.24
6,1 9036
9037 9036F
PR 122-197
.30
7,6
.06
1,5
.25
6,4
78
2
.22
5,5
.26
6,6 9038
9039 9038F
PR 122-217
.32
8,1
.26
6,6
.30
7,6 9040
9041 9040F
PR 122-256
.35
8,9
.30
7,6
.34
8,6 9042
9043 9042F
PR 122-295
.39
9,9
.45 11,4
.51 13,0 9314
9315 9314F
PR 122-453
.57
14,5
.81 20,6
.85 21,6 9316
9317 9316F
PR 122-807
.91
23,1
.05
1,3
.08
2,0 9044
9045 9044F
PR 142-047
.14
3,5
.08
2,0
.12
3,0 9046
9047 9046F
PR 142-083
.18
4,6
.11
2,8
.14
3,6 9048
9049 9048F
PR 142-106
.20
5,1
.142
3,6
.12
3,0
.16
4,1 9050
9051 9050F
PR 142-118
.22
5,6
.06
1,5
.25
6,4
118
1
.15
3,8
.18
4,6 9052
9053 9052F
PR 142-146
.24
6,1
.18
4,6
.22
5,6 9054
9055 9054F
PR 142-177
.28
7,1
.22
5,6
.26
6,6 9056
9057 9056F
PR 142-217
.32
8,1
.09
2,3
.11
2,8 19006 19007 19006F
PR 157-086
.22
5,6
.08
2,0
.31
7,9
196
1
.157
4,0
.21
5,3
.24
6,1 19008 19009 19008F
PR 157-212
.31
7,9
.07
1,8
.32
8,1
.41 10,4
.45 11,4 19010 19011 19010F
PR 157-413
.53
13,5
.08
2,0
.31
7,9
196
2
.10
2,5
.14
3,5 9058
9059 9058F
PR 161-098
.20
5,1
.14
3,5
.18
4,6 9060
9061 9060F
PR 161-138
.24
6,1
.18
4,6
.22
5,6 9062
9063 9062F
PR 161-177
.28
7,1
.161
4,1
.22
5,6
.26
6,6 9064
9065 9064F
PR 161-217
.32
8,1
.07
1,8
.32
8,1
196
1
.26
6,6
.30
7,6 9066
9067 9066F
PR 161-256
.35
8,9
.30
7,6
.34
8,6 9068
9069 9068F
PR 161-295
.39
9,9
.35
8,9
.41 10,4 9318
9319 9318F
PR 161-354
.47
11,9
.49 12,4
.55 14,0 9320
9321 9320F
PR 161-492
.61
15,5
NEW!
NEW!
NEW!
NEW!
NEW!
NEW!
PART NO.
DESCRIPTION
QTY
Black
White
9028-P
9029-P
PR 122-039 100PK
9030-P
9031-P
PR 122-079 100PK
9032-P
9033-P
PR 122-118 100PK
100
9034-P
9035-P
PR 122-157 100PK
9036-P
9037-P
PR 122-197 100PK
9038-P
9039-P
PR 122-217 100PK
9058-P
9059-P
PR 161-098 50PK
9060-P
9061-P
PR 161-138 50PK
9062-P
9063-P
PR 161-177 50PK
9064-P
9065-P
PR 161-217 50PK
9066-P
9067-P
PR 161-256 50PK
9068-P
9069-P
PR 161-295 50PK
50
9074-P
9075-P
PR 201-138 50PK
9076-P
9077-P
PR 201-177 50PK
9078-P
9079-P
PR 201-217 50PK
9080-P
9081-P
PR 201-256 50PK
9082-P
9083-P
PR 201-295 50PK
9084-P
9085-P
PR 240-098 20PK
20
9324-P
9325-P
PR 240-138 20PK
Available in Small Packs
NEW


Similar Part No. - 9040F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9040 ETC2-9040 Datasheet
326Kb / 1P
INSULATED PC SPACERS/SUPPORTS
logo
M/A-COM Technology Solu...
90400-90600 MA-COM-90400-90600 Datasheet
511Kb / 3P
High Working Voltage: 50 V
logo
Qorvo, Inc
90403A106 QORVO-90403A106 Datasheet
614Kb / 13P
CATV 75 pHEMT Dual RF Amplifier
logo
Keysight Technologies
90404A KEYSIGHT-90404A Datasheet
4Mb / 41P
Infiniium 90000 Series Oscilloscopes
logo
TE Connectivity Ltd
904083-1 TEC-904083-1 Datasheet
336Kb / 5P
Mass Insertion Terminating Head
More results

Similar Description - 9040F

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
QLN-36-01-100 PRODUCTWELL-QLN-36-01-100 Datasheet
680Kb / 1P
Rivets
logo
List of Unclassifed Man...
561-BR197157 ETC2-561-BR197157 Datasheet
83Kb / 2P
Blind Rivets
561-PR9000 ETC2-561-PR9000 Datasheet
69Kb / 2P
Nylon Poly Drive Rivets
561-RIV001 ETC2-561-RIV001 Datasheet
82Kb / 2P
Molded Acetal Rivets
561-SR240025 ETC2-561-SR240025 Datasheet
220Kb / 2P
Nylon Snap Rivets
logo
Richco, Inc.
SR-3045W RICHCO-SR-3045W Datasheet
140Kb / 1P
SNAP-RIVETS
logo
Ralston Instruments.
QTHP-0020 RALSTON-QTHP-0020 Datasheet
267Kb / 1P
HP, XH moveable handle assembly, rivets, roller
QTHP-0022 RALSTON-QTHP-0022 Datasheet
268Kb / 1P
HP, XH fixed handle assembly, rivets
logo
Richco, Inc.
SR-3045B RICHCO-SR-3045B Datasheet
140Kb / 1P
SNAP-RIVETS
SRSERISE RICHCO-SRSERISE Datasheet
74Kb / 1P
SNAP-RIVETS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com