Electronic Components Datasheet Search
  English  ▼

X  

9040F Datasheet(PDF) 2 Page - Heyco.

Part # 9040F
Description  Snap Rivets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEYCO [Heyco.]
Direct Link  https://www.heyco.com/
Logo HEYCO - Heyco.

9040F Datasheet(HTML) 2 Page - Heyco.

  9040F Datasheet HTML 1Page - Heyco. 9040F Datasheet HTML 2Page - Heyco.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
7-77
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
“Stay Connected” with
HEYware Products
®
Quick
Specs
HEYClip™ Snap Rivets –
continued
Standard colors black and white.
*Black nylon 6/6 UL 94V-0.
• Designed for fast and easy installation
with no tools - just fingertip pressure
required.
• Simply place rivet into the hole and
press down on the head to fasten; legs
expand to securely fasten components.
• To release, simply pull up on rivet
head section.
• Round head provides a clean,
finished look.
• Part Description Key: PR X-Y where
X = Mounting Hole Diameter (inches) and
Y = minimum Panel Thickness (inches).
• Standard Material: Nylon 6. Nylon 6/6 UL
94V-0 available by special order,
consult Heyco.
• Standard Pack - 1,000/bag.
• See Quick Specs on opposite page.
WILL FIT THESE PANELS
PART NO.
DESCRIPTION
PART DIMENSIONS
EXTRACTION
MOUNTING
ASSEMBLED
AB
C
FORCE
HOLE DIA.
PANEL THICKNESS
V-0
Length
Head
Head
Min.
Max.
Black White Black
Height
Diameter
Style
in.
mm.
in.
mm.
in. mm.
*
in.
mm.
in.
mm.
in.
mm.
N
PR Series
.06
1,5
.10
2,5
9070
9071 9070F
PR 201-059
.18
4,6
.10
2,5
.14
3,5
9072
9073 9072F
PR 201-098
.22
5,6
.14
3,5
.18
4,6
9074
9075 9074F
PR 201-138
.26
6,6
.201
5,1
.18
4,6
.22
5,6
9076
9077 9076F
PR 201-177
.30
7,6
.09
2,3
.35
8,9
245
.22
5,6
.26
6,6
9078
9079 9078F
PR 201-217
.34
8,6
1
.26
6,6
.30
7,6
9080
9081 9080F
PR 201-256
.37
9,4
.30
7,6
.34
8,6
9082
9083 9082F
PR 201-295
.41
10,4
.232
5,9
.12
3,0
.16
4,1
9322
9323 9322F
PR 232-118
.25
6,4
.11
2,8
.47
11,9
.240
6,1
.10
2,5
.16
4,1
9084
9085 9084F
PR 240-098
.24
6,1
.10
2,5
.47
11,9
294
.14
3,5
.22
5,6
9324
9325 9324F
PR 240-138
.32
8,1
.12
3,0
WILL FIT THESE PANELS
PART NO.
DESCRIPTION
PART DIMENSIONS
EXTRACTION
MOUNTING
ASSEMBLED
AB
C
FORCE
HOLE DIA.
PANEL THICKNESS
Tan
Length
Head
Head
Min.
Max.
Nylon 4/6
Height
Diameter
Style
in.
mm.
in.
mm.
in. mm.
UL94V-2
in.
mm.
in.
mm.
in.
mm.
N
PR Tan Series
.04
1,0
.08
2,0
9028H
PR 122-039 HR Tan
.14
3,5
.08
2,0
.12
3,0
9030H
PR 122-079 HR Tan
.18
4,5
.122
3,1
.12
3,0
.16
4,0
9032H
PR 122-118 HR Tan
.22
5,6
.06
1,6
.25
6,4
78
2
.16
4,0
.19
5,0
9034H
PR 122-157 HR Tan
.26
6,5
.22
5,5
.26
6,5
9038H
PR 122-217 HR Tan
.32
8,0
.05
1,2
.08
2,1
9044H
PR 142-047 HR Tan
.14
3,5
.142
3,6
.08
2,1
.12
3,0
9046H
PR 142-083 HR Tan
.18
4,5
.06
1,6
.25
6,4
118
1
.11
2,7
.14
3,6
9048H
PR 142-106 HR Tan
.20
5,0
.12
3,0
.16
4,0
9050H
PR 142-118 HR Tan
.22
5,6
.10
2,5
.14
3,5
9058H
PR 161-098 HR Tan
.20
5,0
.14
3,5
.18
4,5
9060H
PR 161-138 HR Tan
.24
6,0
.161
4,1
.18
4,5
.22
5,5
9062H
PR 161-177 HR Tan
.28
7,0
.07
1,8
.32
8,0
196
1
.22
5,5
.26
6,5
9064H
PR 161-217 HR Tan
.32
8,0
.30
7,5
.34
8,5
9068H
PR 161-295 HR Tan
.39
10,0
HEYClip™ Heat Resistant Snap Rivets
• Molded from Nylon 4/6 94V-2 - heat
resistant to 266°F (130°C).
• Automotive tan (beige) color.
• Designed for fast and easy installation
with no tools - just fingertip pressure
required.
• Simply place rivet into the hole and
press down on the head to fasten; legs
expand to securely fasten components.
• Part Description Key: PR X-Y where
X = Mounting Hole Diameter (inches) and
Y = minimum Panel Thickness (inches).
• Standard Pack - 1,000/bag.
Standard color tan (beige).
B
C
STYLE 1
STYLE 2
A
Material
Nylon 4/6
Flammability Rating
94V-2
Temperature Range
-.4°F (-18°C) to 266°F (130°C)
STANDARD
PACK
1,000/BAG



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com