Electronic Components Datasheet Search
  English  ▼

X  

NKA Datasheet(PDF) 7 Page - Murata Power Solutions Inc.

Part # NKA
Description  Isolated Sub-Miniature 1W Dual Output DC-DC Converters
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

NKA Datasheet(HTML) 7 Page - Murata Power Solutions Inc.

  NKA Datasheet HTML 1Page - Murata Power Solutions Inc. NKA Datasheet HTML 2Page - Murata Power Solutions Inc. NKA Datasheet HTML 3Page - Murata Power Solutions Inc. NKA Datasheet HTML 4Page - Murata Power Solutions Inc. NKA Datasheet HTML 5Page - Murata Power Solutions Inc. NKA Datasheet HTML 6Page - Murata Power Solutions Inc. NKA Datasheet HTML 7Page - Murata Power Solutions Inc. NKA Datasheet HTML 8Page - Murata Power Solutions Inc. NKA Datasheet HTML 9Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
NKA Series
Isolated Sub-Miniature 1W Dual Output DC-DC Converters
KDC_NKA.P01 Page 7 of 9
www.murata.com
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
PIN CONNECTIONS - 14 PIN DIP
Pin
Function
1-VIN
7NC
8OV
9+VOUT
11
-VOUT
14
+VIN
PIN CONNECTIONS - 6 PIN SIP
Pin
Function
1+VIN
2-VIN
4-VOUT
5OV
6+VOUT
Weight: 1.4g (SIP) 1.9g (DIP)
16.55
12.70
0.50±0.05
2.49
1.66
2.54
1.33
0.97
7.55MAX
4.10±0.50
5.95
SIP package
DIP package
Unless otherwise stated all dimensions in mm ±0.25mm.
All pins on a 2.54mm pitch and within 0.25mm of true position.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com