Electronic Components Datasheet Search
  English  ▼

X  

NKA Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # NKA
Description  Isolated Sub-Miniature 1W Dual Output DC-DC Converters
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

NKA Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  NKA Datasheet HTML 1Page - Murata Power Solutions Inc. NKA Datasheet HTML 2Page - Murata Power Solutions Inc. NKA Datasheet HTML 3Page - Murata Power Solutions Inc. NKA Datasheet HTML 4Page - Murata Power Solutions Inc. NKA Datasheet HTML 5Page - Murata Power Solutions Inc. NKA Datasheet HTML 6Page - Murata Power Solutions Inc. NKA Datasheet HTML 7Page - Murata Power Solutions Inc. NKA Datasheet HTML 8Page - Murata Power Solutions Inc. NKA Datasheet HTML 9Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
NKA Series
Isolated Sub-Miniature 1W Dual Output DC-DC Converters
KDC_NKA.P01 Page 1 of 9
www.murata-ps.com
www.murata.com
For full details go to
www.murata-ps.com/rohs
SELECTION GUIDE
Order Code
Nominal
Input
Voltage
Output
Voltage
Output
Current
Input
Current
at Rated
Load
Efficiency
Isolation
Capacitance
MTTF1 Package
Style
Recommended
Alternative
V
V
mA
%
pF
kHrs
NKA0305SC
3.3
±5
±100
383
79
22
1121
SIP
NKA0312SC
3.3
±12
±42
390
78
31
375
SIP
NKA0315SC
3.3
±15
±33
384
79
32
206
SIP
NKA0503SC
5
±3.3
±152
259
77
22
205
SIP
NKA0505SC
5
±5
±100
285
70
21
1697
SIP
NKA0509SC
5
±9
±56
263
76
25
682
SIP
NKA0512SC
5
±12
±42
255
78
28
343
SIP
NKA0515SC
5
±15
±33
253
79
29
188
SIP
NKA1205SC
12
±5
±100
112
74
33
559
SIP
NKA1209SC
12
±9
±56
106
79
48
375
SIP
NKA1212SC
12
±12
±42
104
81
55
243
SIP
NKA1215SC
12
±15
±33
102
82
60
154
SIP
NKA1215DC
12
±15
±33
102
82
60
154
DIP
NKA0303DC
3.3
±3.3
±152
407
74
20
195
DIP
NKA0303SC
NKA0305DC
3.3
±5
±100
383
79
22
1121
DIP
NKA0305SC
NKA0309DC
3.3
±9
±56
402
75
30
1035
DIP
Contact Murata
NKA0312DC
3.3
±12
±42
390
78
31
375
DIP
Contact Murata
NKA0315DC
3.3
±15
±33
384
79
32
206
DIP
NKA0315SC
NKA0303SC
3.3
±3.3
±152
407
74
20
195
SIP
Contact Murata
NKA0309SC
3.3
±9
±56
402
75
30
1035
SIP
Contact Murata
NKA0503DC
5
±3.3
±152
259
77
22
205
DIP
NKA0503SC
NKA0505DC
5
±5
±100
285
70
21
1697
DIP
NMA0505DC
NKA0509DC
5
±9
±56
263
76
25
682
DIP
NMA0509DC
NKA0512DC
5
±12
±42
255
78
28
343
DIP
NMA0512DC
NKA0515DC
5
±15
±33
253
79
29
188
DIP
NMA0515DC
NKA0505DEC
5
±5
±100
249
80
26
1557
DIP
NMA0505DC
NKA0505SEC
5
±5
±100
249
80
26
1557
SIP
NMA0505SC
NKA1205DC
12
±5
±100
112
74
33
559
DIP
NMA1205DC
NKA1209DC
12
±9
±56
106
79
48
375
DIP
NMA1209DC
NKA1212DC
12
±12
±42
104
81
55
243
DIP
NMA1212DC
NKA0505DEC/NKA0505SEC offer higher efficiency than NKA0505SC/NKA0505DC but over a narrower operating temperature range.
See temperature characteristics graph.
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
Continuous operation, 3.3V input types
2.97
3.3
3.63
V
Continuous operation, 5V input types
4.5
5
5.5
Continuous operation, 12V input types
10.8
12
13.2
Reflected ripple current
3.3V input types
30
60
mA p-p
All other types
20
35
1. Calculated using MIL-HDBK-217F with nominal input voltage at full load.
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
DESCRIPTION
The NKA sub-miniature series of industrial
temperature range DC-DC converters are the
standard building blocks for on-board distributed
power systems. The series offers smaller package
size, improved efficiency, lower output ripple and
3kVDC isolation capability through the use of state
of the art packaging and technology. Ideally suited
for providing dual rail supplies on primarily digital
boards with the added benefit of galvanic isolation
to reduce switching noise.
All of the rated power may be drawn from a single
pin provided the total load does not exceed 1 watt.
FEATURES
Efficiency up to 82%
3kVDC isolation ‘Hi Pot Test’
Wide temperature performance at full
1 Watt load, –40°C to 85°C
Industry standard pinout
Power sharing on output
3.3V, 5V & 12V inputs
3.3V, 5V, 9V, 12V & 15V outputs
Internal SMD construction
No external components required
MTTF up to 1.6 Million hours
No electrolytic or tantalum capacitors
Pin compatible with NMA & MEA1 series


Similar Part No. - NKA

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NKA CANDD-NKA Datasheet
104Kb / 2P
Isolated Sub-Miniature 1W Dual Output DC-DC Converters
logo
Murata Manufacturing Co...
NKA0303DC MURATA-NKA0303DC Datasheet
145Kb / 4P
Isolated Sub-Miniature 1W Dual Output DC/DC Converters
logo
C&D Technologies
NKA0303S CANDD-NKA0303S Datasheet
104Kb / 2P
Isolated Sub-Miniature 1W Dual Output DC-DC Converters
logo
Murata Manufacturing Co...
NKA0303SC MURATA-NKA0303SC Datasheet
145Kb / 4P
Isolated Sub-Miniature 1W Dual Output DC/DC Converters
NKA0305DC MURATA-NKA0305DC Datasheet
145Kb / 4P
Isolated Sub-Miniature 1W Dual Output DC/DC Converters
More results

Similar Description - NKA

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NKA CANDD-NKA Datasheet
104Kb / 2P
Isolated Sub-Miniature 1W Dual Output DC-DC Converters
NKE CANDD-NKE Datasheet
173Kb / 2P
Isolated Sub-Miniature 1W Single Output DC-DC Converters
NMA-1 CANDD-NMA-1 Datasheet
171Kb / 2P
Isolated 1W Dual Output DC-DC Converters
logo
List of Unclassifed Man...
NMA5V ETC-NMA5V Datasheet
171Kb / 2P
ISOLATED 1W DUAL OUTPUT DC-DC CONVERTERS
logo
Murata Manufacturing Co...
KDC_NKA MURATA-KDC_NKA Datasheet
145Kb / 4P
Isolated Sub-Miniature 1W Dual Output DC/DC Converters
NKE0303DC MURATA-NKE0303DC Datasheet
226Kb / 7P
Isolated Sub-Miniature 1W Single Output DC/DC Converters
NMA0505DC MURATA-NMA0505DC Datasheet
219Kb / 6P
Isolated 1W Dual Output DC/DC Converters
NMA2405SC MURATA-NMA2405SC Datasheet
126Kb / 4P
Isolated 1W Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TKA TOPPOWER-TKA Datasheet
199Kb / 3P
1W 3KV Isolated Miniature Dual Output DC/DC Converters
TKA TOPPOWER-TKA_17 Datasheet
470Kb / 3P
1W 3KVDC Isolated Miniature Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com