Electronic Components Datasheet Search
  English  ▼

X  

LD51 Datasheet(PDF) 1 Page - LightGraphix

Part # LD51
Description  Miniature Surface Mounted Adjustable LED Spotlight
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD51 Datasheet(HTML) 1 Page - LightGraphix

  LD51 Datasheet HTML 1Page - LightGraphix LD51 Datasheet HTML 2Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
T elephone
01322 527629
Email
light@lightgraphix.co.uk
www .lightgraphix.co.uk
LightGraphix reserve the right to change specifications without notice
Data sheet issued: 3rd December, 2012
LD51
Miniature Surface Mounted Adjustable LED Spotlight
Data sheet - Page 1
IP67
LD51 is a IP67 rated miniature surface mounted adjustable LED spotlight. It has been
updated with the latest LED technology, so now has even higher output from a very
small fixture. New high efficiency optics specially designed for LightGraphix guarantee
excellent beam spread and shape, with 4 different beam angles available.
It offers great flexibility to the specifier; in adjustment with a lockable pivot mechanism,
and with a range of accessories. Two are available: A glare cowl which can be rotated
to hide glare from most angles, and a soil spike which is ideal for garden/planter lighting.
They are rated IP67 making them suitable for interior or exterior applications.
LD51 can be driven up to a current of 700mA (2.4W) at an ambient temperature of 35°C.
If using in ambient temperatures of up to 45°C specify at 500mA max, LD51-500.
48
24.1
33.7
42
13
134°
134
134
ºº
The pivot bracket is lockable with the supplied allen key.
Applications
Garden lighting, Wall washing, Sign illumination,
Interior/Exterior highlights
Beam Angles
12°, 31°, 48°, 36° x 12°
LED type
1 x Cree XPG
Colour temperature
3000K
5000K
Drive Current (mA)
350
500
700
350
500
700
LED power* (W)
1.2W
1.7W
2.4W
1.2W
1.7W
2.4W
CRI (typical)
93
93
93
80
80
80
Forward voltage
3.0V
3.2V
3.4V
3.0V
3.2V
3.4V
Delivered lumens (L )
70
94
111
94
135
150
Lumens per circuit watt**
58
55
46
78
79
62
LED lifetime (to 70%
lumen maintenance)
50,000hrs at a max ambient temperature of 35°C
(if specifying fitting in ambient temperatures of up to
45°C run at 500mA max, LD51-500)
Materials
Anodised aluminium body with stainless steel fixing
bracket. Optional stainless steel ground spike and
anodised aluminium cowl
Glass
3mm thick borosilicate
Wiring
Comes pre-wired with 2 core 500mm lead, can be
specified with up to 10m at extra cost
IP rating
IP67
*LED watts allows for 85% efficient driver
**data shown allows for an ambient temperature of 35°C
100
Dimensions
Specification
Pivot Bracket
33.7
33.7
48
24.1
13
44
44
Ø32
Ø32
Ø32


Similar Part No. - LD51

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
LD511 GENNUM-LD511 Datasheet
94Kb / 4P
Class A Compression Amplifier
LD512 GENNUM-LD512 Datasheet
128Kb / 5P
Low Parts Compression Amplifier
More results

Similar Description - LD51

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SML-H150E5SID-1 LUMEX-SML-H150E5SID-1 Datasheet
229Kb / 2P
Surface Mounted DOme Led
logo
Energizer
TUF4CPE ENERGIZER-TUF4CPE Datasheet
137Kb / 1P
LED Spotlight
logo
SHENZHEN FUMAN ELECTRON...
DB06LT FUMAN-DB06LT Datasheet
615Kb / 11P
LED power spotlight driver IC
FM7122 FUMAN-FM7122 Datasheet
831Kb / 15P
LED power spotlight driver IC
FM7124MBS FUMAN-FM7124MBS Datasheet
231Kb / 9P
LED power spotlight driver IC
FM7124MD FUMAN-FM7124MD Datasheet
283Kb / 11P
LED power spotlight driver IC
FM7222DS FUMAN-FM7222DS Datasheet
428Kb / 8P
LED power spotlight driver IC
JA02PM FUMAN-JA02PM Datasheet
424Kb / 9P
LED power spotlight driver IC
JA02S FUMAN-JA02S Datasheet
377Kb / 7P
LED power spotlight driver IC
JA02T FUMAN-JA02T Datasheet
436Kb / 9P
LED power spotlight driver IC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com