Electronic Components Datasheet Search
  English  ▼

X  

LD51 Datasheet(PDF) 2 Page - LightGraphix

Part # LD51
Description  Miniature Surface Mounted Adjustable LED Spotlight
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD51 Datasheet(HTML) 2 Page - LightGraphix

  LD51 Datasheet HTML 1Page - LightGraphix LD51 Datasheet HTML 2Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
T elephone
01322 527629
Email
light@lightgraphix.co.uk
www .lightgraphix.co.uk
LightGraphix reserve the right to change specifications without notice
Data sheet issued: 3rd December, 2012
LD51
Miniature Surface Mounted Adjustable LED Spotlight
Data sheet - Page 2
IP67
(Dimensions in mm)
Product code
LED colour
Finish
Example: LD51-700 / LWW / MB / CO / GS / Black Anodised
Lens angle
Accessories
/CO - Anti Glare Cowl
63.2
Ø35
/GS - Ground Spike
The ground spike is manufactured out of
stainless steel and then powdercoated to
match the LD51 body. The standard length
is 250mm.
With the aid of an ‘O’ ring the
cowl is securly fitted to the LD51.
This allows it to be rotated to hide
glare.
Photometric files are included in the design pack which can be downloaded
from the LD51 product page on the website.
Accessories
Cowl
Ground spike (250mm as standard)
/CO
/GS
Order Codes and Options
Product codes with output options
1.2W LED at 350mA
1.7W LED at 500mA
2.4W LED at 700mA
LD51-350
LD51-500
LD51-700
Beam / lens angle options
12° narrow spot
31° medium
48° wide
36° x 12° oval beam
/NB
/MB
/WB
/OB
Finish options
Silver anodised
Black anodised
Powder coated white or RAL
Order Codes and Options
Use with 350mA, 500mA or 700mA constant current LED drivers
We have a wide range of dimmable LED drivers, 1-10V, DMX, DALI and Mains
dimmable. Please see the downloads section on our website:
To run 4-14 LD51-500 in series use a TXDD500D (1-10V dimmable)
To run 4-13 LD51-700 in series use a TXDD700D (1-10V dimmable)
LED colour options
Suffix
Warm white (3000K)
Cool White (5000K)
Blue
Green
Red
Amber
/LWW
/LW
/LB
/LG
/LR
/LA
LD51 - 350
- 500
- 700
Photometrics
Accessories
63.2
63.2
Ø35
Ø35
250
Ø8
250
Ø6
Ø6



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com