Electronic Components Datasheet Search
  English  ▼

X  

PCK2023DL Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCK2023DL
Description  CK408 66/100/133/200 MHz spread spectrum differential system clock generator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2023DL Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCK2023DL Datasheet HTML 2Page - NXP Semiconductors PCK2023DL Datasheet HTML 3Page - NXP Semiconductors PCK2023DL Datasheet HTML 4Page - NXP Semiconductors PCK2023DL Datasheet HTML 5Page - NXP Semiconductors PCK2023DL Datasheet HTML 6Page - NXP Semiconductors PCK2023DL Datasheet HTML 7Page - NXP Semiconductors PCK2023DL Datasheet HTML 8Page - NXP Semiconductors PCK2023DL Datasheet HTML 9Page - NXP Semiconductors PCK2023DL Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Philips Semiconductors
Product data
PCK2023
CK408 (66/100/133/200 MHz) spread
spectrum differential system clock generator
2001 Sep 07
6
ABSOLUTE MAXIMUM RATINGS1, 2
SYMBOL
PARAMETER
CONDITION
LIMITS
UNIT
SYMBOL
PARAMETER
CONDITION
MIN
MAX
UNIT
VDD3
DC 3.3 V supply
–0.5
+4.6
V
IIK
DC input diode current
VI < 0
—
–50
mA
VI
DC input voltage
Note 2
—
—
V
IOK
DC output diode current
VO > VDD or VO < 0
—
±50
mA
VO
DC output voltage
Note 2
–0.5
VDD + 0.5
V
IO
DC output source or sink current
VO = 0 to VDD
—
±50
mA
Tstg
Storage temperature range
–65
+150
°C
Ptot
Power dissipation per package
plastic medium-shrink (SSOP)
For temperature range: –40 to +125
°C
above +55
°C derate linearly with 11.3 mW/K
—
850
mW
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
DC OPERATING CONDITIONS
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNIT
NOTES
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
NOTES
VDD3
DC 3.3 V supply voltage
3.135
3.465
V
AVDD
DC 3.3 V analog supply voltage
3.135
3.465
V
VIH
3.3 V input high voltage
2.0
VDD + 0.3
V
VIL
3.3 V input high voltage
VSS – 0.3
0.8
V
VOL3
3.3 V input low voltage
IOL = 1.0 mA
—
0.4
V
VOH3
3.3 V input high voltage
IOH = 1.0 mA
2.4
—
V
IIL
Input leakage current
0 < VIN < VDD
–5
+5
µA
1
fref
reference frequency, oscillator normal value
14.31818
14.31818
MHz
CIN
Input pin capacitance
—
5
pF
2
CXTAL
Xtal pin capacitance
13.5
22.5
pF
3
COUT
Output pin capacitance
—
6
pF
2
LPIN
Pin inductance
—
7
nH
2
Tamb
Operating ambient temperature range in free
air
0
+70
°C
NOTES:
1. Input leakage current does not include inputs with pull up or pull down resistors.
2. This is a recommendation, not an absolute requirement.
3. As seen by the crystal. Device is intended to be used with a 17–20 pF AT crystal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com