Electronic Components Datasheet Search
  English  ▼

X  

PCK2023DL Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCK2023DL
Description  CK408 66/100/133/200 MHz spread spectrum differential system clock generator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2023DL Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCK2023DL Datasheet HTML 6Page - NXP Semiconductors PCK2023DL Datasheet HTML 7Page - NXP Semiconductors PCK2023DL Datasheet HTML 8Page - NXP Semiconductors PCK2023DL Datasheet HTML 9Page - NXP Semiconductors PCK2023DL Datasheet HTML 10Page - NXP Semiconductors PCK2023DL Datasheet HTML 11Page - NXP Semiconductors PCK2023DL Datasheet HTML 12Page - NXP Semiconductors PCK2023DL Datasheet HTML 13Page - NXP Semiconductors PCK2023DL Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Philips Semiconductors
Product data
PCK2023
CK408 (66/100/133/200 MHz) spread
spectrum differential system clock generator
2001 Sep 07
10
CPU 0.7 V AC TIMING REQUIREMENTS
SYMBOL
PARAMETER
CPU 200 MHz
CPU 133 MHz
CPU 100 MHz
CPU 66 MHz
UNITS
NOTES
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNITS
NOTES
TPERIOD
average period
5.0
5.1
7.5
7.65
10.0
10.2
15.0
15.3
ns
1, 7
tABSMIN
absolute
minimum host
clock period
4.8
—
7.3
—
9.8
—
14.8
—
ns
1, 7
tRISE
rise time
175
600
175
600
175
600
175
600
ps
2, 7, 14
tFALL
fall time
175
600
175
600
175
600
175
600
ps
2, 7, 14
∆tRISE
rise time
variation
—
150
—
150
—
150
—
150
ps
2, 7
∆tFALL
fall time
variation
—
150
—
150
—
150
—
150
ps
2, 7
VCROSS
absolute
crossing point
voltages
280
430
280
430
280
430
280
430
mV
7
∆VCROSS
total variation
of VCROSS for
rising edge of
host
—
90
—
90
—
90
—
90
mV
3, 7
Total
∆VCROSS
total variation
of VCROSS
over all edges
—
110
—
110
—
110
—
110
mV
4, 7
tCCJITTER
cycle-to-cycle
jitter
—
150
—
150
—
150
—
150
ps
7, 15
Duty Cycle
45
55
45
55
45
55
45
55
%
7
Overshoot
maximum
voltage
allowed at
output
—
850
—
850
—
850
—
850
mV
7
Undershoot
minimum
voltage
allowed at
output
—
–150
—
–150
—
–150
—
–150
mV
7
tSKEW
pin-to-pin
—
150
—
150
—
150
—
150
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com