Electronic Components Datasheet Search
  English  ▼

X  

1900921 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1900921
Description  MC 1,5/ 6-ST1F-5,08 - PCB connector
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1900921 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1900921 Datasheet HTML 1Page - PHOENIX CONTACT 1900921 Datasheet HTML 2Page - PHOENIX CONTACT 1900921 Datasheet HTML 3Page - PHOENIX CONTACT 1900921 Datasheet HTML 4Page - PHOENIX CONTACT 1900921 Datasheet HTML 5Page - PHOENIX CONTACT 1900921 Datasheet HTML 6Page - PHOENIX CONTACT 1900921 Datasheet HTML 7Page - PHOENIX CONTACT 1900921 Datasheet HTML 8Page - PHOENIX CONTACT 1900921 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 320 V, contact surface: Tin, contact connection type: Socket, number of potentials: 6,
number of rows: 1, number of positions: 6, number of connections: 6, product range: MC 1,5/..-
ST1F, pitch: 5.08 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, conductor/PCB connection direction: 0 °, plug-in system: COMBICON MC 1,5,
locking: Screw locking mechanism, mounting: Screw flange, type of packaging: packed in
cardboard
Your advantages
Well-known connection principle allows worldwide use
•
Low temperature rise, thanks to maximum contact force
•
Allows connection of two conductors
•
Screwable flange for superior mechanical stability
•
Commercial data
Item number
1900921
Packing unit
50 pc
Minimum order quantity
50 pc
Sales key
AA02
Product key
AABACC
Catalog page
Page 247 (C-1-2013)
GTIN
4017918429324
Weight per piece (including packing)
5.68 g
Weight per piece (excluding packing)
5.251 g
Customs tariff number
85366990
Country of origin
DE
MC 1,5/ 6-ST1F-5,08 - PCB connector
1900921
https://www.phoenixcontact.com/us/products/1900921
Mar 12, 2024, 5:55 AM
Page 1 (13)


Similar Part No. - 1900921

ManufacturerPart #DatasheetDescription
logo
Heyco.
19009 HEYCO-19009 Datasheet
152Kb / 2P
Snap Rivets
logo
Molex Electronics Ltd.
19009 MOLEX-19009 Datasheet
27Kb / 2P
Standard Quick-Disconnect Terminals
04/03/2019
19009-0010 MOLEX-19009-0010 Datasheet
27Kb / 2P
Standard Quick-Disconnect Terminals
04/03/2019
logo
Lapp.
19009000 LAPP-19009000 Datasheet
147Kb / 2P
EPIC® H-B 6 SDRL-LB
04.06.2019
logo
Molex Electronics Ltd.
190090001 MOLEX-190090001 Datasheet
62Kb / 4P
PremiumGrade Hand Crimp Tool for Flag Krimptite/Vibrakrimp Un-insulated Female Quick Disconnect Terminals, 22-14 AWG
Jun 13, 2025
More results

Similar Description - 1900921

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1716836 PHOENIX-1716836 Datasheet
57Kb / 4P
Printed-circuit board connector - MC 1,5/ 3-ST1F-5,08 BK
1900947 PHOENIX-1900947 Datasheet
145Kb / 9P
Printed-circuit board connector - MC 1,5/ 8-ST1F-5,08
09/12/2020
1847372 PHOENIX-1847372 Datasheet
439Kb / 13P
PCB connector - MC 1,5/ 4-STF-5,08
Jul 21, 2022
1847356 PHOENIX-1847356 Datasheet
425Kb / 13P
PCB connector - MC 1,5/ 2-STF-5,08
Jan 3, 2023
1836118 PHOENIX-1836118 Datasheet
422Kb / 13P
PCB connector - MC 1,5/ 6-ST-5,08
Jan 3, 2023
1836228 PHOENIX-1836228 Datasheet
569Kb / 13P
PCB header - MC 1,5/ 6-G-5,08
Jan 4, 2023
1847437 PHOENIX-1847437 Datasheet
429Kb / 13P
PCB connector - MC 1,5/10-STF-5,08
Jan 10, 2023
1847505 PHOENIX-1847505 Datasheet
547Kb / 12P
PCB header - MC 1,5/ 6-GF-5,08
Jan 5, 2023
1900882 PHOENIX-1900882 Datasheet
427Kb / 13P
PCB connector - MC 1,5/ 2-ST1F-5,08
1900918 PHOENIX-1900918 Datasheet
437Kb / 13P
MC 1,5/ 5-ST1F-5,08 - PCB connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com