Electronic Components Datasheet Search
  English  ▼

X  

1900921 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 1900921
Description  MC 1,5/ 6-ST1F-5,08 - PCB connector
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1900921 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 1900921 Datasheet HTML 5Page - PHOENIX CONTACT 1900921 Datasheet HTML 6Page - PHOENIX CONTACT 1900921 Datasheet HTML 7Page - PHOENIX CONTACT 1900921 Datasheet HTML 8Page - PHOENIX CONTACT 1900921 Datasheet HTML 9Page - PHOENIX CONTACT 1900921 Datasheet HTML 10Page - PHOENIX CONTACT 1900921 Datasheet HTML 11Page - PHOENIX CONTACT 1900921 Datasheet HTML 12Page - PHOENIX CONTACT 1900921 Datasheet HTML 13Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
MC 1,5/ 6-GF-5,08 - PCB header
1847505
https://www.phoenixcontact.com/us/products/1847505
PCB headers, nominal cross section: 1.5 mm2, color: green, nominal current: 8
A, rated voltage (III/2): 320 V, contact surface: Tin, contact connection type: Pin,
number of potentials: 6, number of rows: 1, number of positions: 6, number of
connections: 6, product range: MC 1,5/..-GF, pitch: 5.08 mm, mounting: Wave
soldering, pin layout: Linear pinning, solder pin [P]: 3.4 mm, number of solder
pins per potential: 1, plug-in system: COMBICON MC 1,5, Pin connector pattern
alignment: Standard, locking: Screw locking mechanism, mounting: Threaded
flange, type of packaging: packed in cardboard
MCV 1,5/ 6-GF-5,08 - PCB header
1847657
https://www.phoenixcontact.com/us/products/1847657
PCB headers, nominal cross section: 1.5 mm2, color: green, nominal current: 8
A, rated voltage (III/2): 320 V, contact surface: Tin, contact connection type: Pin,
number of potentials: 6, number of rows: 1, number of positions: 6, number of
connections: 6, product range: MCV 1,5/..-GF, pitch: 5.08 mm, mounting: Wave
soldering, pin layout: Linear pinning, solder pin [P]: 3.4 mm, number of solder
pins per potential: 1, plug-in system: COMBICON MC 1,5, Pin connector pattern
alignment: Standard, locking: Screw locking mechanism, mounting: Threaded
flange, type of packaging: packed in cardboard
Phoenix Contact 2024 © - all rights reserved
https://www.phoenixcontact.com
Phoenix Contact USA
586 Fulling Mill Road
Middletown, PA 17057, United States
(+717) 944-1300
info@phoenixcon.com
MC 1,5/ 6-ST1F-5,08 - PCB connector
1900921
https://www.phoenixcontact.com/us/products/1900921
Mar 12, 2024, 5:55 AM
Page 13 (13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com