Electronic Components Datasheet Search
  English  ▼

X  

AM401 Datasheet(PDF) 14 Page - Analog Microelectronics GmbH

Part # AM401
Description  INDUSTRIAL VOLTAGE AMPLIFIER IC AM401
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AM401 Datasheet(HTML) 14 Page - Analog Microelectronics GmbH

Back Button AM401 Datasheet HTML 10Page - Analog Microelectronics GmbH AM401 Datasheet HTML 11Page - Analog Microelectronics GmbH AM401 Datasheet HTML 12Page - Analog Microelectronics GmbH AM401 Datasheet HTML 13Page - Analog Microelectronics GmbH AM401 Datasheet HTML 14Page - Analog Microelectronics GmbH AM401 Datasheet HTML 15Page - Analog Microelectronics GmbH AM401 Datasheet HTML 16Page - Analog Microelectronics GmbH AM401 Datasheet HTML 17Page - Analog Microelectronics GmbH AM401 Datasheet HTML 18Page - Analog Microelectronics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
INDUSTRIAL VOLTAGE AMPLIFIER IC
AM401
analog microelectronics
Mars 2006
Analog Microelectronics GmbH
Phone:
+49 (0)6131/91 073 – 0
14/21
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev. 2.3
Internet: http://www.analogmicro.de
Email:
info@analogmicro.de
Example 4:
Input voltage (differential) of 0...250mV and output voltage range of 0.5...4.5V
If VIN = 0...250mV, IREF ≥ 1mA, R1/R2 = 2.2 and R3/R4 = 4.8 the values of the external components
are as follows:
R1 ≈ 100kΩ
R2 ≈ 47kΩ
R3 ≈ 75kΩ
R4 ≈ 15.5kΩ
VOFFSET = 0.5V
C1 = 2.2µF
C2 = 10nF
C
1
C
2
R
2
R
3
R
4
V
OFFSET
R
1
Ground
V
OUT
V
CC
V
IN
1
2
3
4
14
13
5
6
11
15
12
V
BG
CVREF
CVSET
IN+
IN_
GND
ZA
OUTIA
INOP
7
8
GAIN
VOUT
VCC
VREF
VSET
Voltage Reference
AM401
+
_
OP2
+
_OP1
+
_ IA
Figure 5:
Application as a bridge amplifier for an output voltage of 0.5...4.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com