Electronic Components Datasheet Search
  English  ▼

X  

AM401 Datasheet(PDF) 11 Page - Analog Microelectronics GmbH

Part # AM401
Description  INDUSTRIAL VOLTAGE AMPLIFIER IC AM401
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AM401 Datasheet(HTML) 11 Page - Analog Microelectronics GmbH

Back Button AM401 Datasheet HTML 7Page - Analog Microelectronics GmbH AM401 Datasheet HTML 8Page - Analog Microelectronics GmbH AM401 Datasheet HTML 9Page - Analog Microelectronics GmbH AM401 Datasheet HTML 10Page - Analog Microelectronics GmbH AM401 Datasheet HTML 11Page - Analog Microelectronics GmbH AM401 Datasheet HTML 12Page - Analog Microelectronics GmbH AM401 Datasheet HTML 13Page - Analog Microelectronics GmbH AM401 Datasheet HTML 14Page - Analog Microelectronics GmbH AM401 Datasheet HTML 15Page - Analog Microelectronics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
INDUSTRIAL VOLTAGE AMPLIFIER IC
AM401
analog microelectronics
Mars 2006
Analog Microelectronics GmbH
Phone:
+49 (0)6131/91 073 – 0
11/21
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev. 2.3
Internet: http://www.analogmicro.de
Email:
info@analogmicro.de
APPLICATIONS
Application 1 – Differential input signal, voltage output signal of 0...5/10V
With applications which require an output voltage of 0...5/10V the pin used to configure the
instrumentation amplifier offset (ZA) is connected to the IC’s Ground. Gain G is set using the two
external resistors R1 and R2:
()
2
1
1
R
R
G
G
G
G
IA
OP
IA
+
=
=
(2)
If no offset voltage is present, the transfer function of the output voltage (Gl.1) is:
VOUT = G VIN
Using these equations the values of resistors R1 and R2 can be set as follows:
R
R
V
GV
OUT
IA
IN
1
2
1
=−
Example 1:
Input voltage (differential) of 0...50mV and output voltage range of 0...10V
If VIN = 0...50mV, R1/R2 = 39 and IREF ≥ 1mA the values of the external components are as follows:
R1 ≈ 117kΩ
R2 ≈ 3kΩ
GIA = 5
C1 = 2.2µF
C2 = 10nF
Example 2:
Input voltage (differential) of 0...100mV and output voltage range of 0...5V
If VIN = 0...100mV, R1/R2 = 9 and IREF ≥ 1mA the values of the external components are as follows:
R1 ≈ 90kΩ
R2 ≈ 10kΩ
GIA = 5
C1 = 2.2µF
C2 = 10nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com