Electronic Components Datasheet Search
  English  ▼

X  

AM452 Datasheet(PDF) 20 Page - Analog Microelectronics GmbH

Part # AM452
Description  Voltage-to-current transducer IC with a differential input
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AM452 Datasheet(HTML) 20 Page - Analog Microelectronics GmbH

Back Button AM452 Datasheet HTML 13Page - Analog Microelectronics GmbH AM452 Datasheet HTML 14Page - Analog Microelectronics GmbH AM452 Datasheet HTML 15Page - Analog Microelectronics GmbH AM452 Datasheet HTML 16Page - Analog Microelectronics GmbH AM452 Datasheet HTML 17Page - Analog Microelectronics GmbH AM452 Datasheet HTML 18Page - Analog Microelectronics GmbH AM452 Datasheet HTML 19Page - Analog Microelectronics GmbH AM452 Datasheet HTML 20Page - Analog Microelectronics GmbH AM452 Datasheet HTML 21Page - Analog Microelectronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
AM452 – Voltage-to-current transducer IC
with a differential input
Analog Microelectronics GmbH
An der Fahrt 13, D – 55124 Mainz
February 2008 - Rev 1.2 - Page 20/21
Phone: +49 (0)6131/91 073-0
Fax:
+49 (0)6131/91 073-30
Internet: http://www.analogmicro.de
Email: info@analogmicro.de
BLOCK DIAGRAM AND PINOUT
Figure 10: Simplified block diagram
Figure 10: Simplified block diagram
Values which can be measured at the pins have indices; the pin name is written in capital
letters.
PIN
NAME
EXPLANATION
1
CVREF
Current/Voltage reference
2
CVSET
Current/Voltage reference set
3
IN+
Positive input
4
IN–
Negative input
5
GAIN
Gain set
6
NC
Not connected
7
VOP
OP1 output
8
IOUT
Current output
9
RS–
Sensing resistor –
10
VCC
Supply voltage
11
RS+
Sensing resistor +
12
VSET
Reference voltage source set
13
ZA
Offset set
14
GND
IC ground
15
VREF
Reference voltage source output
16
SET
Output offset current set
Table 3: Pinout
1
16
2
15
3
14
4
13
5
12
6
11
7
10
89
CVREF
CVSET
IN+
IN-
GAIN
NC
VOP
IOUT
SET
VREF
GND
ZA
VSET
RS+
VCC
RS-
Figure 11: Pinout
VREF
IN+
IN-
SET
VOP
GND
VSET
GAIN
ZA
3
4
IOUT
RS+
RS-
VCC
CVREF
CVSET
V
BG
13
IA
5
14
11
10
9
8
16
12
15
Voltage Reference
1
7
OP1
3
4
2
AM452
OP2
V/I Converter
G
SET
G
VI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com