Electronic Components Datasheet Search
  English  ▼

X  

AM452 Datasheet(PDF) 3 Page - Analog Microelectronics GmbH

Part # AM452
Description  Voltage-to-current transducer IC with a differential input
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AM452 Datasheet(HTML) 3 Page - Analog Microelectronics GmbH

  AM452 Datasheet HTML 1Page - Analog Microelectronics GmbH AM452 Datasheet HTML 2Page - Analog Microelectronics GmbH AM452 Datasheet HTML 3Page - Analog Microelectronics GmbH AM452 Datasheet HTML 4Page - Analog Microelectronics GmbH AM452 Datasheet HTML 5Page - Analog Microelectronics GmbH AM452 Datasheet HTML 6Page - Analog Microelectronics GmbH AM452 Datasheet HTML 7Page - Analog Microelectronics GmbH AM452 Datasheet HTML 8Page - Analog Microelectronics GmbH AM452 Datasheet HTML 9Page - Analog Microelectronics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
AM452 – Voltage-to-current transducer IC
with a differential input
Analog Microelectronics GmbH
An der Fahrt 13, D – 55124 Mainz
February 2008 - Rev 1.2 - Page 3/21
Phone: +49 (0)6131/91 073-0
Fax:
+49 (0)6131/91 073-30
Internet: http://www.analogmicro.de
Email: info@analogmicro.de
FEATURES
• Instrumentation amplifier input with a
wide voltage range of ±400mV
• Adjustable gain and offset
• Adjustable current output
(e.g. of 0/4...20mA)
• 2- and 3-wire operation
• Suitable for HART® applications
• Protection against reverse polarity and
short-circuiting
• Output signal limiting
• Integrated current source
• Adjustable integrated reference voltage
source of 5 to 10V
• Modular configuration
• Supply voltage of 6...35V
• Temperature range of -40°C...+85°C
• RoHS compliant
SCHEMATIC
Figure 1: Block diagram of AM452
GENERAL DESCRIPTION
AM452 is an integrated transducer with an
adjustable current output which has been
specifically designed for the conditioning of
differential
input
signals.
It
permits
the
independent adjustment of the offset and full-
scale current using just a few components.
The IC consists of various functional modules. In
addition to the instrumentation amplifier in the
signal path there is an operational amplifier which
is used to set the gain. The offset can be adjusted
using the Zero adjust stage and/or the SET stage
module.
An additional operational amplifier can supply
external components. The adjustable current
output stage permits 2- and 3-wire operation by
way of a simple amendment to the circuitry.
The IC is distinguished by its many protective
functions which include protection against
reverse polarity and short-circuiting and also an
internal current limit.
Reference Offset
GND
Prog. Reference
Output
VCC
Input
OP2
V
BG
13
IA
5
14
11
10
9
8
16
12
15
Voltage Reference
1
7
OP1
3
4
2
AM452
OP2
Differential
input
voltages
Offset
Amplifier
OP2 Output
V/I Converter
SET Stage
ZERO Stage
Figure 1: Schematic of AM452



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com