Electronic Components Datasheet Search
  English  ▼

X  

AM460 Datasheet(PDF) 12 Page - Analog Microelectronics GmbH

Part # AM460
Description  Industrial Converter and Protector IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AM460 Datasheet(HTML) 12 Page - Analog Microelectronics GmbH

Back Button AM460 Datasheet HTML 8Page - Analog Microelectronics GmbH AM460 Datasheet HTML 9Page - Analog Microelectronics GmbH AM460 Datasheet HTML 10Page - Analog Microelectronics GmbH AM460 Datasheet HTML 11Page - Analog Microelectronics GmbH AM460 Datasheet HTML 12Page - Analog Microelectronics GmbH AM460 Datasheet HTML 13Page - Analog Microelectronics GmbH AM460 Datasheet HTML 14Page - Analog Microelectronics GmbH AM460 Datasheet HTML 15Page - Analog Microelectronics GmbH AM460 Datasheet HTML 16Page - Analog Microelectronics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Industrial Converter and Protector IC
AM460
analog microelectronics
April 2003
12/18
R6 and R7:
6
.
1
1
6
.
2
1
7
6
=
−
≈
−
=
BG
CVREF
V
V
R
R
The following example values are produced for the resistors:
R7 = 10kΩ
R6 = 16kΩ
OPERATING AM460: IMPORTANT POINTS TO NOTE
1. When using AM460 it is imperative that external capacitor C1 (a top-grade ceramic capacitor) is always
connected (cf. Figure 2). Care must be taken that the value of the capacitor, also within the temperature
range, does not exceed the range of values given in the boundary conditions on page 6. In 2-wire operation
ceramic capacitor C2 must also be used (cf. Figure 8)
2. In a 2-wire setup the power consumption of the entire system (AM460 plus all external components, in-
cluding the configuration resistors) must not exceed the sum of IOUTmin (usually 4mA).
3. All AM460 function blocks not required by the application must be connected to a defined (and allowed)
potential.
4. With operation of the voltage output the load resistance at pin VOUT must be at least 2k
Ω.
5. When operating the current output a maximum load resistance of 600
Ω is permitted.
6. The values of external resistors R0, R1, R2, R3, R4 and R5 must be selected within the permissible range given
in the boundary conditions on page 6.
APPLICATIONS
Typical 3-wire application with an input signal referenced to ground
Figure 7 shows a 3-wire application in which AM460 amplifies and converts a positive voltage signal refer-
enced to ground. The unused blocks (e.g. OP2) have been set to defined operating points. Alternatively, these
function groups can also be used here (e.g. to supply external components).
In this particular application, using Equations 1 and 2 output voltage VOUT is calculated as:
INP
V
OUT
V
G
V
=
with
2
.
2
1
2
1
⋅


+
=
=
R
R
G
G
G
OP
GAIN
V
(14)
For output current IOUT the following applies according to Equation 3:
SET
I
INP
OUT
I
R
G
V
I
+
⋅
=
0
8
with
2
1
1
R
R
G
G
GAIN
I
+
=
=
and
0
=
SET
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com