Electronic Components Datasheet Search
  English  ▼

X  

AM460 Datasheet(PDF) 3 Page - Analog Microelectronics GmbH

Part # AM460
Description  Industrial Converter and Protector IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AM460 Datasheet(HTML) 3 Page - Analog Microelectronics GmbH

  AM460 Datasheet HTML 1Page - Analog Microelectronics GmbH AM460 Datasheet HTML 2Page - Analog Microelectronics GmbH AM460 Datasheet HTML 3Page - Analog Microelectronics GmbH AM460 Datasheet HTML 4Page - Analog Microelectronics GmbH AM460 Datasheet HTML 5Page - Analog Microelectronics GmbH AM460 Datasheet HTML 6Page - Analog Microelectronics GmbH AM460 Datasheet HTML 7Page - Analog Microelectronics GmbH AM460 Datasheet HTML 8Page - Analog Microelectronics GmbH AM460 Datasheet HTML 9Page - Analog Microelectronics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Industrial Converter and Protector IC
AM460
analog microelectronics
April 2003
Analog Microelectronics GmbH
Phone:
+49 (0)6131/91 073 – 0
3/18
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev. 1.1
Internet: http://www.analogmicro.de
E–mail:
info@analogmicro.de
FEATURES
• Supply voltage: 6...35V
• Wide working temperature range:
–40°C...+85°C
• Adjustable integrated reference voltage
source: 4.5 to 10V
• Additional voltage/current source
• Operational amplifier with integrated
driver stage
• Adjustable amplification
• Analogue parallel voltage (0...5/10V) and
current output (0/4...20mA)
• Protection against reverse polarity and
short-circuiting
• Output current limit
• Low-cost device: replaces a number of
discrete elements
• 2- and 3-wire operation
GENERAL DESCRIPTION
AM460 is a universal converter and amplifier IC
with a number of additional functions. The IC basi-
cally consists of an amplifier, whose gain can be set
externally, and parallel output stages which can con-
dition signals referenced to ground in industrial
voltage and current signals. An additional reference
voltage source for the supply of external components
is also included in the device. A further operational
amplifier can be connected up as a current source,
voltage reference or comparator.
One of the main features of the IC is its integrated
protective circuitry. The device is protected against
reverse polarity, short-circuiting and has a built-in
output current limit. Amplifier IC AM460 enables
industrial standard voltage (e.g. 0–5/10V) and cur-
rent loop (e.g. 0/4–20mA) signals to be produced
relatively easily.
BLOCK DIAGRAM
VREF
VOUT
SET
OUTAD
INDAI
GND
VSET
INDAV
INN
INP
IOUT
RS+
VCC
CVREF
CVSET
V
BG
4
3
7
14
12
11
10
8
16
V
I
13
15
Voltage Reference
1
6
OP1
5
2
AM460
OP3
OP2
RS-
9
Figure 1: Block diagram of AM460



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com