Electronic Components Datasheet Search
  English  ▼

X  

PCK953BD Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCK953BD
Description  50-125 MHz PECL input/9 CMOS output 3.3 V PLL clock driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK953BD Datasheet(HTML) 4 Page - NXP Semiconductors

  PCK953BD Datasheet HTML 1Page - NXP Semiconductors PCK953BD Datasheet HTML 2Page - NXP Semiconductors PCK953BD Datasheet HTML 3Page - NXP Semiconductors PCK953BD Datasheet HTML 4Page - NXP Semiconductors PCK953BD Datasheet HTML 5Page - NXP Semiconductors PCK953BD Datasheet HTML 6Page - NXP Semiconductors PCK953BD Datasheet HTML 7Page - NXP Semiconductors PCK953BD Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Philips Semiconductors
Product specification
PCK953
50–125 MHz PECL input/CMOS output
3.3 V PLL clock driver
2001 Feb 08
4
DC CHARACTERISTICS
Tamb = 0 to 70°C; VCC = 3.3 V ±5%
SYMBOL
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
VIH
Input HIGH voltage LVCMOS inputs
2.0
—
3.6
V
VIL
Input LOW voltage LVCMOS inputs
—
—
0.8
V
Vp-p
Peak-to-peak input voltage
PECL_CLK
300
—
1000
mV
VCMR
Common mode range
PECL_CLK
Note 1
VCC–1.5
—
VCC–0.6
mV
VOH
Output HIGH voltage
IOH = –20 mA;2
2.4
—
—
V
VOL
Output LOW voltage
IOL = 20 mA;2
—
—
0.5
V
IIN
Input current
—
—
±75
µA
CIN
Input capacitance
—
—
4
pF
CPD
Power dissipation capacitance
per output
—
25
—
pF
ICC
Maximum quiescent supply current
All VCC pins
—
9
20
mA
ICCPLL
Maximum PLL supply current
VCCA pin only
—
9
20
mA
NOTES:
1. VCMR is the difference from the most positive side of the differential input signal. Normal operation is obtained when the HIGH input is within
the VCMR range and the input swing lies within the VPP specification.
2. The PCK953 outputs can drive series or parallel terminated 50
Ω (or 50 Ω to VCC/2) transmission lines on the incident edge (see
Applications info section).
PLL INPUT REFERENCE CHARACTERISTICS
Tamb = 0 to 70°C
SYMBOL
PARAMETER
CONDITION
MIN
MAX
UNIT
fref
Reference input frequency
20
125
MHz
frefDC
Reference input duty cycle
25
75
%
NOTE:
1. Maximum and minimum input reference is limited by the VCO lock range and the feedback divider.
AC CHARACTERISTICS
Tamb = 0 to 70°C; VCC = 3.3 V ±5%
SYMBOL
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
tr, tf
Output rise/fall time
0.8 V to 2.0 V
0.30
0.55
0.8
ns
tpw
Output duty cycle
45
50
55
%
tsk(O)
Output-to–output skews (relative to QFB)
—
—
100
ps
fVCO
PLL VCO lock range
200
—
500
MHz
fMAX
Maximum output frequency
PLL mode
VCO_SEL = 1
20
—
100
MHz
PLL mode
VCO_SEL = 0
50
125
MHz
Bypass mode
225
MHz
tpd(lock)
Input to EXT_FB delay (with PLL locked)
fref = 50 MHz
–75
—
125
ps
tpd(by-
pass)
Input to Q delay
PLL bypassed
3
5.2
7
ns
tPLZ-HZ
Output disable time
—
—
7
ns
tPZL
Output enable time
—
—
6
ns
tjitter
Cycle-to-cycle jitter (peak-to-peak)
—
55
100
ps
tlock
Maximum PLL lock time
—
0.01
10
ms
NOTE:
1. X will be targeted for 0 ns, but may vary from target by
±150 ps based on characterization of silicon.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com