Electronic Components Datasheet Search
  English  ▼

X  

PCK953BD Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCK953BD
Description  50-125 MHz PECL input/9 CMOS output 3.3 V PLL clock driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK953BD Datasheet(HTML) 2 Page - NXP Semiconductors

  PCK953BD Datasheet HTML 1Page - NXP Semiconductors PCK953BD Datasheet HTML 2Page - NXP Semiconductors PCK953BD Datasheet HTML 3Page - NXP Semiconductors PCK953BD Datasheet HTML 4Page - NXP Semiconductors PCK953BD Datasheet HTML 5Page - NXP Semiconductors PCK953BD Datasheet HTML 6Page - NXP Semiconductors PCK953BD Datasheet HTML 7Page - NXP Semiconductors PCK953BD Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors
Product specification
PCK953
50–125 MHz PECL input/CMOS output
3.3 V PLL clock driver
2
2001 Feb 08
853–2222 25600
DESCRIPTION
The PCK953 is a 3.3 V compatible, PLL-based clock driver device
targeted for high performance clock tree designs. With output
frequencies of up to 125 MHz, and output skews of 100 ps, the
PCK953 is ideal for the most demanding clock tree designs. The
devices employ a fully differential PLL design to minimize
cycle-to-cycle and phase jitter.
The PCK953 has a differential LVPECL reference input, along with
an external feedback input. These features make the PCK953 ideal
for use as a zero delay, low skew fanout buffer. The device
performance has been tuned and optimized for zero delay
performance. The MR/OE input pin will reset the internal counters
and 3-State the output buffers when driven HIGH.
The PCK953 is fully 3.3 V compatible and requires no external loop
filter components. All control inputs accept LVCMOS or LVTTL
compatible levels, while the outputs provide LVCMOS levels with the
ability to drive terminated 50
Ω transmission lines. For series
terminated 50
Ω lines, each of the PCK953 outputs can drive two
traces, giving the device an effective fanout of 1:18. The device is
packaged in a 7
× 7 mm 32-lead LQFP package to provide the
optimum combination of board density and performance.
FEATURES
• Fully integrated PLL
• Output frequency up to 125 MHz in PLL mode
• Outputs disable in high impedance
• LQFP packaging
• 55 ps cycle-to-cycle jitter typical
• 9 mA quiescent current, I
CCA, typical
• 60 ps static phase offset typical
• Less than 10 µA quiescent current, l
CCO, typical
PIN CONFIGURATION
1
2
3
4
5
6
7
VCCA
FB_CLK
NC
NC
NC
GNDI
NC
8
PECL_CLK
24
23
22
21
20
19
18
Q1
VCCO
Q2
GNDO
Q3
Q4
VCCO
17 GNDO
SW00625
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
DRAWING NUMBER
plastic low profile quad flat
package; 32 leads
0 to +70
°C
PCK953BD
SOT358-1
LOGIC DIAGRAM
7
PHASE
DETECTOR
PECL_CLK
PECL_CLK
FB_CLK
VCO_SEL
BYPASS
MR/OE
PLL_EN
LPF
VCO
200–500 MHz
B2
B4
QFB
Q0:6
Q7
SW00624



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com