Electronic Components Datasheet Search
  English  ▼

X  

A3101 Datasheet(PDF) 1 Page - EPCOS

Part # A3101
Description  Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,010 to 10 mH Rated current 90 to 700 mA
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

A3101 Datasheet(HTML) 1 Page - EPCOS

  A3101 Datasheet HTML 1Page - EPCOS A3101 Datasheet HTML 2Page - EPCOS A3101 Datasheet HTML 3Page - EPCOS A3101 Datasheet HTML 4Page - EPCOS A3101 Datasheet HTML 5Page - EPCOS A3101 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
87
04/00
Size 1210 (EIA) or 3225 (IEC)
Rated inductance 0,010 to 10
µH
Rated current 90 to 700 mA
Construction
s
Ceramic or ferrite core
s
Single-layer winding fixed by glue
s
US-welded winding
s
Without encapsulation
Features
s
Low height
s
High
Q factor
s
High resonance frequency
s
Suitable for reflow (IR and vapor phase)
and wave soldering
Applications
s
Filtering of supply voltages, coupling, decoupling
s
Antenna systems
s
Automotive electronics
s
Telecommunications
Terminals
s
Silver-plated
s
1–2
µm Cu, 4–6 µm Ag
s
Base material CuSn6
s
Suitable for soldering and conductive adhesion
s
No leaching during wave soldering
Marking
No marking on component
Minimum data on reel:
Manufacturer, part number, ordering code,
L value and tolerance of L value,
quantity, date of packing
Delivery mode
8-mm blister tape, wound on 180-mm or 330-mm
∅ reel
For details on taping, packing and packing units see page 153
B82412-A
SMT Inductors, SIMID Series
SIMID 1210-01
Jump to preceding page


Similar Part No. - A3101

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A31010 ALLEGRO-A31010 Datasheet
874Kb / 10P
Low-Power Unidirectional Linear Hall-Effect Sensor IC
February 17, 2022
logo
Eaton All Rights Reserv...
A310102 EATON-A310102 Datasheet
999Kb / 8P
Single Row Terminal Blocks
December 2017
A31010203 EATON-A31010203 Datasheet
999Kb / 8P
Single Row Terminal Blocks
December 2017
A31010204 EATON-A31010204 Datasheet
999Kb / 8P
Single Row Terminal Blocks
December 2017
A31010207 EATON-A31010207 Datasheet
999Kb / 8P
Single Row Terminal Blocks
December 2017
More results

Similar Description - A3101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82498-B3279-M EPCOS-B82498-B3279-M Datasheet
74Kb / 6P
Size 0805 (EIA) and/or 2012 (IEC) Rated inductance 2,7 to 4700 nH Rated current 90 to 1000 mA
B82422-A3829-M EPCOS-B82422-A3829-M Datasheet
106Kb / 6P
Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,0082 to 100 mH Rated current 65 to 700 mA
B82422-A3829 EPCOS-B82422-A3829 Datasheet
124Kb / 7P
Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,0082 to 100 uH Rated current 65 to 800 mA
B82422-H1102-K100 EPCOS-B82422-H1102-K100 Datasheet
68Kb / 5P
High-current version Size 1210 (EIA) or 3225 (IEC) Rated inductance 1 to 100 mH Rated current 90 to 650 mA
B82422-T3100 EPCOS-B82422-T3100 Datasheet
110Kb / 6P
Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,010 to 330 mH Rated current 40 to 450 mA
B82432-A1102-K EPCOS-B82432-A1102-K Datasheet
102Kb / 6P
Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 1000 mH Rated current 55 to 600 mA
B82432-H1102-K EPCOS-B82432-H1102-K Datasheet
71Kb / 5P
High-current version Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 330 mH Rated current 110 to 1100 mA
B82432-T EPCOS-B82432-T Datasheet
56Kb / 2P
Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 1000 mH Rated current 60 to 1300 mA
B82442-H1102-K EPCOS-B82442-H1102-K Datasheet
105Kb / 6P
High-current version Size 2220 (EIA) or 5650 (IEC) Rated inductance 1 to 10000 mH Rated current 35 to 2500 mA
B82476-A1103-M EPCOS-B82476-A1103-M Datasheet
58Kb / 3P
Rated inductance 10 to 1000 mH Rated current 300 to 3800 mA
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com