Electronic Components Datasheet Search
  English  ▼

X  

A3101 Datasheet(PDF) 2 Page - EPCOS

Part # A3101
Description  Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,010 to 10 mH Rated current 90 to 700 mA
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

A3101 Datasheet(HTML) 2 Page - EPCOS

  A3101 Datasheet HTML 1Page - EPCOS A3101 Datasheet HTML 2Page - EPCOS A3101 Datasheet HTML 3Page - EPCOS A3101 Datasheet HTML 4Page - EPCOS A3101 Datasheet HTML 5Page - EPCOS A3101 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
88
04/00
General technical data
Rated inductance
LR
Measured with impedance analyzer HP 4194A
at frequency
fL
Q factor
Qmin
Measured with impedance analyzer
HP 4194A/HP 4291A at frequency
fQ
Rated current
IR
Maximum permissible dc with
inductance decrease
∆L/L
0 ≤ 10 %
and temperature increase of
≤ 20 K
at rated temperature of 85
°C
Self-resonance frequency
fres, min
Measured with network analyzer HP 8753
DC resistance
Rmax
Measured at 20
°C ambient temperature,
measuring current
< I
R
Climatic category
In accordance with IEC 60068-1
55/125/56 (– 55
°C/+ 125°C/56 days damp heat test)
Solderability
In accordance with IEC 60062-2-58
(215
± 3)°C, (3 ± 0,3) s
Wetting of soldering area:
≥ 95 %
Resistance to soldering heat
In accordance with IEC 60068-2-20
260
°C, 10 s
∆L/L ≤ ± 3%
Permissible PCB bending
2 mm (100 mm long standard PCB)
Weight
Approx. 40 mg
B82412-A
SMT Inductors, SIMID Series
SIMID 1210-01



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com