Electronic Components Datasheet Search
  English  ▼

X  

BB170 Datasheet(PDF) 3 Page - BusBoard Prototype Systems Ltd.

Part # BB170
Description  170 tie point solderless “plug-in” breadboards provide a quick way to build and test circuits for experimentation or when learning electronics.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUSBOARD [BusBoard Prototype Systems Ltd.]
Direct Link  http://www.busboard.com/
Logo BUSBOARD - BusBoard Prototype Systems Ltd.

BB170 Datasheet(HTML) 3 Page - BusBoard Prototype Systems Ltd.

  BB170 Datasheet HTML 1Page - BusBoard Prototype Systems Ltd. BB170 Datasheet HTML 2Page - BusBoard Prototype Systems Ltd. BB170 Datasheet HTML 3Page - BusBoard Prototype Systems Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BusBoard Prototype Systems
www.BusBoard.com
sales@busboard.com
BPS-MAR-(BB170)-001 Rev 4.00
Solderless BreadBoard NSFAQ
Q: Who invented the solderless breadboard?
A: US Patent #203938 was awarded to Ronald J. Portugal of EI Instruments Inc. in 1971.
Q: Why is phosphorus added to the bronze used in the contacts?
A: Phosphor bronze is an alloy of copper with 3.5 to 10% of tin and a significant phosphorus content of up to
1%. The phosphorus is added as deoxidizing agent during melting.
These alloys are notable for their toughness, strength, low coefficient of friction, and fine grain. The
phosphorus also improves the fluidity of the molten metal and thereby improves the castability, and improves
mechanical properties by cleaning up the grain boundaries.
Source http://en.wikipedia.org/wiki/Phosphor_bronze
BULK BREADBOARDS AVAILABLE IN CASES OF 500
BB170 White Part #: BB170-WHx500
BB170 Transparent Part #: BB170-TPx500
BB170 Black Part #: BB170-BKx500
BB170 Blue Part #: BB170-BLx500
BB170 Green Part #: BB170-GRx500
BB170 Orange Part #: BB170-ORx500
BB170 Red Part #: BB170-RDx500
BB170 Yellow Part #: BB170-YWx500



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com