Electronic Components Datasheet Search
  English  ▼

X  

BB170 Datasheet(PDF) 2 Page - BusBoard Prototype Systems Ltd.

Part # BB170
Description  170 tie point solderless “plug-in” breadboards provide a quick way to build and test circuits for experimentation or when learning electronics.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUSBOARD [BusBoard Prototype Systems Ltd.]
Direct Link  http://www.busboard.com/
Logo BUSBOARD - BusBoard Prototype Systems Ltd.

BB170 Datasheet(HTML) 2 Page - BusBoard Prototype Systems Ltd.

  BB170 Datasheet HTML 1Page - BusBoard Prototype Systems Ltd. BB170 Datasheet HTML 2Page - BusBoard Prototype Systems Ltd. BB170 Datasheet HTML 3Page - BusBoard Prototype Systems Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BusBoard Prototype Systems
www.BusBoard.com
sales@busboard.com
BPS-MAR-(BB170)-001 Rev 4.00
BB-170 Solderless Plug-in BreadBoards
Solderless BreadBoard Specifications
BB170 Body Material:
POM Plastic or ABS Plastic (transparent model)
Hole Pitch/Style:
0.1" (2.54 mm), Round Wire Holes
Spring Clip Contact:
Phosphor Bronze with Plated Nickel Finish
Contact Life:
50,000 insertions
Rating:
36 Volts, 2 Amps Max
(Multiple contacts should not be used at maximum current due to heating).
Insertion Wire Size:
21 to 26 AWG, 0.016 to 0.028 inches diameter (0.4 to 0.7mm diameter)
Backing:
Peelable adhesive tape for attaching to a surface.
Two mounting screws provided.
Size:
1.8 x 1.4 x 0.4in (45.7 x 35.6 x 9.4mm)
All BPS BreadBoards are Lead-Free and RoHS Compliant.
Order BPS Part#:
BB170-BK
Black
BB170-BL
Blue
BB170-GR
Green
BB170-OR
Orange
BB170-RD
Red
BB170-TP
Transparent
BB170-WH
White
BB170-YW
Yellow
BB170-C
Random Color
Solderless BreadBoard FAQ
Q: What circuit frequencies can I use with a plug-in solderless breadboard?
A: Due to large stray capacitance (from 2-25pF per contact point), the inductance of connections, and a
relatively high and not very reproducible contact resistance, solderless breadboards are limited to operate at
relatively low frequencies, usually less than 10 MHz, depending on the nature of the circuit. The relatively
high contact resistance can also be a problem for some DC and very low frequency circuits.
Source http://en.wikipedia.org/wiki/Breadboard
Higher frequency operation may be possible in some cases, depending upon the circuit requirements.
Note: Solderable PC BreadBoards, such as the BPS BR1, SB300, and SB400 will provide lower stray capacitance
and lower connection resistance which may allow higher frequency operation for some circuits.
For circuits sensitive to small changes in values, component adjustments may be needed when the circuit is
moved from a plug-in breadboard to a Solderable PC BreadBoard, due to these small differences.
Q: Can I plug DIL or SIL connector headers into the breadboard?
A: Yes. The square pin of a standard 0.1” spacing header is typically 0.025 inches wide. This is within the
0.016 to 0.028 inch wire insertion size range recommended for the breadboard.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com