Electronic Components Datasheet Search
  English  ▼

X  

MF3DX3 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # MF3DX3
Description  MIFARE DESFire EV3 contactless multi-application IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF3DX3 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button MF3DX3 Datasheet HTML 7Page - NXP Semiconductors MF3DX3 Datasheet HTML 8Page - NXP Semiconductors MF3DX3 Datasheet HTML 9Page - NXP Semiconductors MF3DX3 Datasheet HTML 10Page - NXP Semiconductors MF3DX3 Datasheet HTML 11Page - NXP Semiconductors MF3DX3 Datasheet HTML 12Page - NXP Semiconductors MF3DX3 Datasheet HTML 13Page - NXP Semiconductors MF3DX3 Datasheet HTML 14Page - NXP Semiconductors MF3DX3 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
NXP Semiconductors
MF3D(H)x3
MIFARE DESFire EV3 contactless multi-application IC
7 Functional description
7.1 Introduction
MIFARE DESFire EV3 is a contactless multi-application smart card IC compliant with ISOIEC 14443A (part
1-4). The MIFARE DESFire EV3 operating system provides an off-the-shelf development platform for smart card
application providers.
The memory organization of MIFARE DESFire EV3 is flexible and can be dynamically structured to fit into any
application requirements. The application and file structure is shown in Figure 3. Each application folder is a
container of data files usable within a certain real world application (e.g. Transport ticketing). There are 5 file
types available for data storage and 1 file type for storing Transaction MAC as detailed in Section 7.6.
Within the application folder, there is a set of keys and configuration settings dedicated for the application. The
application owner can freely organize the file structure and security setting within his application. An adjacent
application will not have access to its files as long as they do not possess the correct security rights. MIFARE
DESFire EV3 also supports the ISO/IEC 7816-4 file structure and APDU.
At the PICC level, there is another set of keys and security settings for the PICC owner. The PICC owner will
have the right to create or delete any application, but he will not have access to the application's files, unless he
knows the application keys too.
Value
File
Application z
Application x
aaa-022073
Cyclic Record
File
Application Y
BackUp Data
File
Std. Data
File
PICC Setting and
configuration
App. Setting
configuration
Application
Keys
Up to 14 keys, free and never access options per application.
Linear Record
File
Transaction
MAC
File
Applications are independent of PICC keys and crypto
Independent file access and communication settings
Maximum 32 files per application
5 types of data file + 1 Transaction MAC file (optional)
Applications are independent of each other
PICC Keys
Figure 3. MIFARE DESFire EV3 product-based application and file structure
MIFARE DESFire EV3 supports confidential and integrity protected communication (see Section 7.7). Each
MIFARE DESFire EV3 application can have its own cryptographic settings (i.e. 2TDEA, 3TDEA or AES)
and secure messaging for communication. The D40 and EV1 secure messaging are included in the product
for backward compatible support of existing installations. For new projects, the EV3 secure messaging is
recommended.
MF3D_H_X3_SDS
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product short data sheet
Rev. 3.1 — 11 January 2024
11 / 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com