Electronic Components Datasheet Search
  English  ▼

X  

12LP15 Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # 12LP15
Description  PURE SINE WAVE OUTPUT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

12LP15 Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  12LP15 Datasheet HTML 1Page - Sensata Technologies, Inc. 12LP15 Datasheet HTML 2Page - Sensata Technologies, Inc. 12LP15 Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Copyright © 2022 Sensata Technologies, Inc.
Page 1
sensata.com
12LP15 AND 12LPC15 | INVERTER AND INVERTER/CHARGER
PURE SINE WAVE OUTPUT
Features
• Battery Profile Presets – Using the CAN Configurator Tool, easily set
standard battery profiles on inverter/charger models, including Lithium
Iron Phosphate (LFP), Gel, Flooded, and AGM.
• RV-C communication protocol
• Inverter/charger models come with a 20A bypass
• Cooling: Thermally controlled cooling fan
• Local Status LED: Provides inverter operation mode and
troubleshooting information at a glance
• Surge: Surge rating for motor loads
• GFCI receptacle output and hardwired AC output
Options
• “A” option – AC hardwired output protected by GFCI
• “H” option – AC hardwired output only, no GFCI
• “R” option – Remote only, local switch inactive
Introduction
The 12LP15 inverter and 12LPC15 inverter/charger provides pure sine wave power.
Model Numbers
• Inverter: 12LP15, 12LP15A, 12LP15R, 12LP15AR
• Inverter/charger: 12LPC15, 12LPC15HR, 12LPC15R
Available For
• Marine Systems
• RV Systems
• Trucks
• Utility Vehicles
Available Accessories
• Remote: Optional remote on/off switch
for inverter control
Pure Sine Wave
12
1500 W
Battery Voltage Options
Continuous Output Options


Similar Part No. - 12LP15

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
12LP10 SENSATA-12LP10 Datasheet
159Kb / 3P
PURE SINE WAVE OUTPUT
Rev: 07/20/19
12LP10H SENSATA-12LP10H Datasheet
159Kb / 3P
PURE SINE WAVE OUTPUT
Rev: 07/20/19
12LP10HR SENSATA-12LP10HR Datasheet
159Kb / 3P
PURE SINE WAVE OUTPUT
Rev: 07/20/19
12LP10R SENSATA-12LP10R Datasheet
159Kb / 3P
PURE SINE WAVE OUTPUT
Rev: 07/20/19
More results

Similar Description - 12LP15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PN200501500VA001 ETC2-PN200501500VA001 Datasheet
78Kb / 5P
500VA Pure Sine Wave Inverter
logo
COTEK ELECTRONIC IND. C...
SD1500 COTEK-SD1500 Datasheet
303Kb / 3P
1500W Pure Sine Wave
20/05/25
SD2500 COTEK-SD2500 Datasheet
537Kb / 3P
2500W Pure Sine Wave
21/03/05
SD3500 COTEK-SD3500 Datasheet
665Kb / 3P
3500W Pure Sine Wave
21/10/06
SE200 COTEK-SE200 Datasheet
75Kb / 2P
200W Pure Sine Wave Inverter
20/10/21
SE400 COTEK-SE400 Datasheet
362Kb / 2P
400W Pure Sine Wave Inverter
2021 01
SP-1500 COTEK-SP-1500 Datasheet
129Kb / 2P
1500W Pure Sine Wave Inverter
20/10/21
SP-3000 COTEK-SP-3000 Datasheet
179Kb / 2P
3000W Pure Sine Wave Inverter
20/10/21
SP-4000 COTEK-SP-4000 Datasheet
175Kb / 2P
4000W Pure Sine Wave Inverter
20/10/21
SR1000T COTEK-SR1000T Datasheet
37Kb / 1P
1000W Pure Sine Wave Inverter
20/10/20
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com