Electronic Components Datasheet Search
  English  ▼

X  

12LP15 Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # 12LP15
Description  PURE SINE WAVE OUTPUT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

12LP15 Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  12LP15 Datasheet HTML 1Page - Sensata Technologies, Inc. 12LP15 Datasheet HTML 2Page - Sensata Technologies, Inc. 12LP15 Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Copyright © 2022 Sensata Technologies, Inc.
Page 2
sensata.com
12LP15
12LPC15
INVERTER SPECIFICATIONS
Input Voltage: (Vdc)
10.5-15.0
10.5-15.0
DC Surge Voltage (Vdc)
Up to 24Vdc
Up to 24Vdc
Output Voltage (Vac)
120 +/- 5%
120 +/- 5%
Output Frequency (Hz)
60 +/- .05%
60 +/- .05%
THD
< 5% at 12.6Vdc and 1500W
< 5% at 12.6Vdc and 1500W
Output Waveform
Pure Sine < 5% THD
Pure Sine < 5% THD
Output Power (Watts Continuous)
1500
1500
Output Current (Aac Continuous)
12.5
12.5
Input Current (Adc Continuous)
Up to 167 at 12.6Vdc
Up to 167 at 12.6Vdc
Input Current (Adc Continuous)
Up to 190 at 10.5Vdc
Up to 190 at 10.5Vdc
Peak Power (Watts)
3000
3000
Peak Output (Aac)
25.0
25.0
Motor Starting Rating (h.p.)
1/2
1/2
Inverter Efficiency
Up to 80%
Up to 80%
CHARGER SPECIFICATIONS
Charger Input Voltage (Vrms)
100 – 130
Charger Output Current (Adc)
65
Input Current Bypass (Arms)
20
PHYSICAL SPECIFICATIONS
Weight (lbs.)
28
28
Dimensions in. (L x W x H)
19.0” x 9.75” x 4.8” [48.3cm x 24.8cm x 12.2cm]*
19.0” x 9.75” x 4.8” [48.3cm x 24.8cm x 12.2cm]*
Operating Temperature
-40°C to 50°C [-40°F to 122°F] **
-40°C to 50°C [-40°F to 122°F] **
SPECIFICATIONS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com