Electronic Components Datasheet Search
  English  ▼

X  

1SS83 Datasheet(PDF) 1 Page - Goodwork Semiconductor Co., Ltd .

Part # 1SS83
Description  High reverse voltage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

1SS83 Datasheet(HTML) 1 Page - Goodwork Semiconductor Co., Ltd .

  1SS83 Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . 1SS83 Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Absolute Maximum Ratings (Ta = 25
°C)
Item
Symbol
Value
Unit
Peak reverse voltage
V
RM *
1
300
V
Reverse voltage
V
R
250
V
Peak forward current
I
FM
625
mA
Non-Repetitive peak forward surge current
I
FSM *
2
1
A
Average forward current
I
O
200
mA
Power dissipation
Pd
400
mW
Junction temperature
Tj
175
°C
Storage temperature
Tstg
−65 to +175
°C
Notes
: 1. Reverse voltage in excess of peak reverse voltage may deteriorate electrical characteristic.
2. Within 1s forward surge current.
Electrical Characteristics (Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Forward voltage
V
F
1.0
V
I
F = 100 mA
Reverse current
I
R1
0.2
µA
V
R = 250 V
I
R2
100
V
R = 300 V
Capacitance
C
1.5
pF
V
R = 0 V, f = 1 MHz
Reverse recovery time
t
rr
100
ns
I
F = IR = 30 mA, Irr = 3 mA, RL = 100 Ω
Case: DO-35 glass sealed envelope.
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
FEATURES
MECHANICAL DATA
Switching diodes
High reverse voltage. (V
R = 250V)
High reliability with glass seal.
1SS83
Dimensions in inches and (millimeters)
0.079(2.0)
MAX
0.020(0.52)
TYP
0.165 (4.2)
MAX
1.0 2(26.0)
MIN.
1.0 2(26.0)
MIN.
DO-35(GLASS)
 
 
 
 
 
 
 
 


Similar Part No. - 1SS83

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
1SS83 HITACHI-1SS83 Datasheet
27Kb / 6P
Silicon Epitaxial Planar Diode for High Voltage Switching
logo
Renesas Technology Corp
1SS83 RENESAS-1SS83 Datasheet
140Kb / 5P
Silicon Epitaxial Planar Diode for High Voltage Switching
logo
SEMTECH ELECTRONICS LTD...
1SS83 SEMTECH_ELEC-1SS83 Datasheet
116Kb / 1P
SILICON EPITAXIAL PLANAR DIODE
1SS83 SEMTECH_ELEC-1SS83 Datasheet
351Kb / 1P
SILICON EPITAXIAL PLANAR DIODE
1SS83 SEMTECH_ELEC-1SS83_11 Datasheet
351Kb / 1P
SILICON EPITAXIAL PLANAR DIODE
More results

Similar Description - 1SS83

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF420 SIEMENS-BF420 Datasheet
123Kb / 4P
NPN Silicon Transistors With High Reverse Voltage (NPN Silicon Transistors With High Reverse Voltage)
logo
Leshan Radio Company
HF1200G LRC-HF1200G Datasheet
314Kb / 7P
Fast Switching High Voltage Rectifiers Reverse Voltage 1200V
logo
List of Unclassifed Man...
BY127 ETC2-BY127 Datasheet
172Kb / 2P
High reverse voltage
logo
P-tec Corporation
PL518-1R12-2 P-TEC-PL518-1R12-2 Datasheet
77Kb / 1P
Reverse Voltage
PL518-1R24 P-TEC-PL518-1R24 Datasheet
76Kb / 1P
Reverse Voltage
PL518-1R24-2 P-TEC-PL518-1R24-2 Datasheet
77Kb / 1P
Reverse Voltage
PL518-1Y01 P-TEC-PL518-1Y01 Datasheet
77Kb / 1P
Reverse Voltage
PL518-1Y01-2 P-TEC-PL518-1Y01-2 Datasheet
77Kb / 1P
Reverse Voltage
logo
Central Semiconductor C...
CMLSH05-10DA_1509 CENTRAL-CMLSH05-10DA_1509 Datasheet
1Mb / 2P
High reverse voltage
logo
STMicroelectronics
STTH1512-Y STMICROELECTRONICS-STTH1512-Y Datasheet
151Kb / 9P
High reverse voltage capability
July 2013 Rev 1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com