Electronic Components Datasheet Search
  English  ▼

X  

1SS83 Datasheet(PDF) 2 Page - Goodwork Semiconductor Co., Ltd .

Part # 1SS83
Description  High reverse voltage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

1SS83 Datasheet(HTML) 2 Page - Goodwork Semiconductor Co., Ltd .

  1SS83 Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . 1SS83 Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Main Characteristic
Fig.1 Forward current Vs. Forward voltage
Fig.2 Reverse current Vs. Reverse voltage
Fig.3 Capacitance Vs. Reverse voltage
Forward voltage VF (V)
0
0.2
0.8
10
10
−4
10
−3
−2
0.6
1.0
0.4
10
−1
1.2
Reverse voltage VR (V)
1.0
10
10
1.0
0.1
100
f = 1MHz
0
50
200
10
10
-9
10
-8
-7
150
250
100
10
-6
10
-5
300
Ta = 25
°C
Ta = 75
°C
Ta = 50
°C
Reverse voltage VR (V)
 
 
 
1SS83



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com