Electronic Components Datasheet Search
  English  ▼

X  

BYP54 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # BYP54
Description  25A Silicon Power Rectifier Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BYP54 Datasheet(HTML) 1 Page - Zetex Semiconductors

  BYP54 Datasheet HTML 1Page - Zetex Semiconductors BYP54 Datasheet HTML 2Page - Zetex Semiconductors BYP54 Datasheet HTML 3Page - Zetex Semiconductors BYP54 Datasheet HTML 4Page - Zetex Semiconductors BYP54 Datasheet HTML 5Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BYP53 / BYP54
25A Silicon Power Rectifier Diode
Part no.
Description
The BYP53/54 are plastic sealed 25A- diodes,
which are available in different reverse voltage
classes up to 800V.
The diodes can be delivered with limited forward
voltage
and reverse current differences for
parallel connecting in rectifier stacks and back-
off-diodes
Features
•
Forward current 25A
•
Reverse voltage 75V – 800V
•
Hermetic press-fit package
•
Available in different modifications of the
package
Applications
•
Power supplies
•
Rectifier diode in car generators
•
Rectifier bridges/stacks
•
Back-off-diodes
Pinout details
Typical application circuit
Six pulse
bridge
connection
~
~
~
3 x BYP53-1200
3 x BYP54-1200
+
-
BYP53:
1 - cathode
2 - anode
BYP54:
1 - anode
2 - cathode
1
2
Ordering information
Device
Quantity per box
Options
BYP53-75; …; BYP53-800
400
BYP54-75; …; BYP54-800
400
The package quantities for the different package
modifications are included in
“PressFitPackageModifications.pdf”
Device marking
Devices are identified by type. Colour of marking: BYP53- black, BYP54 – red
422........................................……. date code 422 = 2004 week 22
ZETEX
BYP53………………………………... diode type
400………………………………….. repetitive peak reverse voltage VRRM (in V) 400
Issue 4 – September 2006
1
www.zetex.com
© Zetex Semiconductors plc 2006


Similar Part No. - BYP54

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BYP57 ZETEX-BYP57 Datasheet
192Kb / 5P
35A Silicon Power Rectifier Diode
logo
Diodes Incorporated
BYP57 DIODES-BYP57 Datasheet
436Kb / 6P
35A SILICON POWER RECTIFIER DIODE
December 2014 Rev. 5 - 4
logo
Zetex Semiconductors
BYP57-100 ZETEX-BYP57-100 Datasheet
192Kb / 5P
35A Silicon Power Rectifier Diode
logo
Diodes Incorporated
BYP57-100 DIODES-BYP57-100 Datasheet
436Kb / 6P
35A SILICON POWER RECTIFIER DIODE
December 2014 Rev. 5 - 4
logo
Zetex Semiconductors
BYP57-150 ZETEX-BYP57-150 Datasheet
192Kb / 5P
35A Silicon Power Rectifier Diode
More results

Similar Description - BYP54

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5520 NTE-NTE5520 Datasheet
18Kb / 2P
Silicon Controlled Rectifier (SCR), 25A
logo
List of Unclassifed Man...
KBJ2510 ETC-KBJ2510 Datasheet
50Kb / 2P
25A SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Zetex Semiconductors
BYP57 ZETEX-BYP57 Datasheet
192Kb / 5P
35A Silicon Power Rectifier Diode
BYY53 ZETEX-BYY53 Datasheet
213Kb / 6P
25A Silicon Power Rectifier Diode
BYY57 ZETEX-BYY57 Datasheet
212Kb / 5P
35A Silicon Power Rectifier Diode
BYY57A ZETEX-BYY57A Datasheet
203Kb / 5P
50A Silicon Power Rectifier Diode
logo
Sanyo Semicon Device
DBG250G SANYO-DBG250G Datasheet
36Kb / 3P
Diffused Junction Silicon Diode 25A Single-Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
1N5829 NAINA-1N5829 Datasheet
123Kb / 2P
Schottky Power Diode, 25A
1N6095 NAINA-1N6095 Datasheet
122Kb / 2P
Schottky Power Diode, 25A
logo
Diodes Incorporated
BYP57 DIODES-BYP57 Datasheet
436Kb / 6P
35A SILICON POWER RECTIFIER DIODE
December 2014 Rev. 5 - 4
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com