Electronic Components Datasheet Search
  English  ▼

X  

BYP54 Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # BYP54
Description  25A Silicon Power Rectifier Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BYP54 Datasheet(HTML) 4 Page - Zetex Semiconductors

  BYP54 Datasheet HTML 1Page - Zetex Semiconductors BYP54 Datasheet HTML 2Page - Zetex Semiconductors BYP54 Datasheet HTML 3Page - Zetex Semiconductors BYP54 Datasheet HTML 4Page - Zetex Semiconductors BYP54 Datasheet HTML 5Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BYP53 / BYP54
Electrical characteristics
(at Tamb = 25°C unless otherwise stated)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test contitions
Forward
voltage
BYP53-75...800
BYP54-75...800
VF
-
0.95
1.1
V
IF = 25 A,
measuring time
10ms (half-sine
wave)
Forward
voltage
(information
values)
BYP53-75...800
BYP54-75...800
VF
-
-
1.2
V
IF = 35 A,
BYP53-75...150
BYP54-75...150
-
-
3
BYP53-200...800
BYP54-200...800
IRRM
-
-
1.5
mA
TJ = 140°C, at
VRRM
BYP53-75...400
BYP54-75...400
-
-
0.25
Reverse
current
BYP53-500...800
BYP54-500...800
IRRM
-
-
0.1
mA
at VRRM
Threshold voltage (information
value)
V(FO)
-
0.66
-
V
TJ = 175°C
Slope resistance (information
value)
rF
-
5.75
-
mΩ
TJ = 175°C
Options: Electrical characteristics for parallel connecting
(at Tamb = 25°C unless otherwise stated)
Option
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test contitions
1
Forward voltage
difference in one
category of forward
voltage
∆VF
-
-
0.05
V
IF = 25 A, measuring
time 10ms (half-sine
wave)
2
Reverse current in one
category of forward
voltage (only for
BYP53-300…800 and
BYP54-300…800)
IR
-
-
0.01
mA
at VRRM
Issue 4 – September 2006
4
www.zetex.com
© Zetex Semiconductors plc 2006



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com