Electronic Components Datasheet Search
  English  ▼

X  

MX21 Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # MX21
Description  Standup Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

MX21 Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  MX21 Datasheet HTML 1Page - Sensata Technologies, Inc. MX21 Datasheet HTML 2Page - Sensata Technologies, Inc. MX21 Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
12V - 48V
MX21
Standup Mount Contactor 150A
P.O. Box 4428
Santa Barbara, CA 93140
www.gigavac.com
+805-684-8401
info@gigavac.com
Rev 6
27/Jan/22 © 2013 GIGAVAC, LLC Page 1 of 2
MX21
Key Features
EPIC® Seal
Ceramic to metal braze. Gas filled
hermetic chamber protects key
components. Exceeds IP69K standard
Temperature
Tested to temperatures up to 200°C
Contacts / Form
Silver / SPST / NO
Coil
Optional efficient two coil design with no
PWM or EMI emissions. Coil suppression
built in
High Shock
and Vibration
For rugged environments,
off-road and tracked vehicles
Installation
Not direction sensitive
Reference
MIL-R-6106, RoHS
10
100
1000
10000
0
150
300
450
600
750
900
Current (Amp)
Current Carry vs Time
with 85°C terminal temperature rise
4 AWG
2 AWG
Power Terminals
Mounting Hardware
Stainless M8 X 1.25 Stud
M5 [No. 10] Bolts (not incl.)
Stainless M8 X 1.25 Flanged Nut
Torque 2-4 Nm [18-35 in-lb]
Torque 9-10 Nm [80-90 in-lb]
Coil Wire
Case Material
Silicone, 20 AWG, UL: VW-1
25% GF Nylon 6/6, UL 94 V-O


Similar Part No. - MX21

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX210Q ETC1-MX210Q Datasheet
246Kb / 8P
Low Cost, 10g, Dual Axis Accelerometer with Analog Outputs
MX210QC ETC1-MX210QC Datasheet
246Kb / 8P
Low Cost, 10g, Dual Axis Accelerometer with Analog Outputs
MX210QL ETC1-MX210QL Datasheet
246Kb / 8P
Low Cost, 10g, Dual Axis Accelerometer with Analog Outputs
logo
CML Microcircuits
MX214 CMLMICRO-MX214 Datasheet
238Kb / 17P
Variable Split Band Inverter
MX214J CMLMICRO-MX214J Datasheet
238Kb / 17P
Variable Split Band Inverter
More results

Similar Description - MX21

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
SL100 LUMINIS-SL100 Datasheet
16Kb / 1P
Wall mount / Ceiling mount
SL102 LUMINIS-SL102 Datasheet
19Kb / 1P
Wall mount / Ceiling mount
logo
Compact Technology Corp...
S1A CTC-S1A Datasheet
51Kb / 2P
SURFACE MOUNT SURFACE MOUNT
logo
EIC discrete Semiconduc...
MBRA140T3G EIC-MBRA140T3G Datasheet
99Kb / 2P
SURFACE MOUNT SURFACE MOUNT
logo
Marl International Limi...
356-308-04 MARL-356-308-04 Datasheet
266Kb / 3P
Quick-Mount Panel Mount Indicator
357-508-04 MARL-357-508-04 Datasheet
281Kb / 3P
Quick-Mount Panel Mount Indicator
logo
Visual Communications C...
SMD22 VCC-SMD22 Datasheet
23Kb / 1P
SURFACE MOUNT LED MOUNT
logo
Axiomtek Co., Ltd.
P6157W AXIOMTEK-P6157W Datasheet
282Kb / 2P
Supports panel mount, wall mount, VESA mount
P6187W AXIOMTEK-P6187W Datasheet
271Kb / 2P
Supports panel mount, wall mount and VESA mount
logo
SparkFun Electronics
ROB-12271 SPARKFUN-ROB-12271 Datasheet
92Kb / 1P
Motor Mount - Swivel Mount
2/10/2016
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com