Electronic Components Datasheet Search
  English  ▼

X  

MX21 Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # MX21
Description  Standup Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

MX21 Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  MX21 Datasheet HTML 1Page - Sensata Technologies, Inc. MX21 Datasheet HTML 2Page - Sensata Technologies, Inc. MX21 Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Specification
Continuous Current
150A w/ 4 AWG (see graph on reverse)
Max Current—1 sec
1200A
Max Current—10 sec
750A
Max Current—90 sec
250A
Contact Voltage Drop (max) 150mV at 150A
Insulation Resistance (min) 100MΩ (50MΩ after life)
Dielectric Withstanding
1500VRMS (1050 VRMS after life)
Weight
1.0 lb with hardware (460 grams)
Resistive Load Switching
150A at 24 VDC
200,000 cycles
Mechanical Life
300,000 cycles
Fault Interrupt @ 28VDC
1500A
Environmental Specifications
Seal
Hermetic, 10 E-9 atm cc/sec
Temperature Range
-55°C to +100°C
Shock
Sawtooth @ 20G, 11ms, ½ Sine @ 25G, 11ms
Vibration
10-2000 Hz, 20G
Water / Steam
2750 psi waterjet, 105 psi steam, boiling water
Salt Spray Corrosion
MIL-STD-810G
Resistant to corrosion, chemicals, and fungal growth
Auxiliary contacts (optional) - Form A, SPST Normally Open
Switching Current (max)
1A at 28VDC
Switching Current (min)
0.1mA at 5V
T2 (Aux NO)
T1 (Aux NO)
X2 (Coil -)
X1 (Coil +)
Black wire
Red Wire
A2 (+)
A1 (-)
X2 (-)
X1 (+)
MX21 _ _ _
Coil Voltage:
Auxiliary Contacts:
See table
Blank = none
B = SPST, Normally Open
Coil Wire:
A = 38 cm (15 in)
B = 61 cm (24 in)
C = 122 cm (48 in)
Options and Accessories
Ordering Key
(Optional) Auxiliary contacts
Normally Open
T2
T1
Control Circuit
Coil Ratings at 25 C
* S and T coil are dual coil design, all others are standard coils
Coil P/N Designation
B
C
F
H
J
K
L
S *
T *
Coil Voltage, Nominal
12 VDC
24 VDC
48 VDC
72 VDC
120 VDC
120 VAC,
50/60Hz
240 VAC,
50/60Hz
12 VDC
24 VDC
Coil Voltage, Max
16 VDC
32 VDC
64 VDC
96 VDC
140 VDC
140 VAC
280 VAC
16 VDC
32 VDC
Pick-Up Voltage, Max
8 VDC
16 VDC
28 VDC
46 VDC
72 VDC
80 VAC
160 VAC
9 VDC
15 VDC
Drop-Out Voltage, Max
3 VDC
7 VDC
10 VDC
14 VDC
18 VDC
30 VAC
60 VAC
4.5 VDC
7 VDC
Drop-Out Voltage, Min
0.5 VDC
0.5 VDC
1.8 VDC
2.7 VDC
4.5 VDC
4.5 VAC
9 VAC
1 VDC
1.5 VAC
Pick-Up Current, Max (75ms)
N/A
N/A
N/A
N/A
N/A
N/A
N/A
1.8 A
1 A
Coil Current
0.68 A
0.28 A
0.16 A
0.095 A
0.06 A
0.06 A
0.04 A
0.082 A
0.057 A
Coil Power
8 W
6.8 W
7.6 W
6.8 W
7.2 W
7.2 W
9.6 W
1 W
1.4 W
Operate Time, Max (incl.bounce)
20 msec
20 msec
30 msec
30 msec
20 msec
30 msec
30 msec
20 msec
20 msec
Release Time, Max
12 msec
12 msec
12 msec
12 msec
12 msec
50 msec
55 msec
12 msec
12 msec
Internal Coil Suppression
Transorb
Coil Back EMF
55 V
55 V
80 V
115 V
175 V
N/A
N/A
55 V
55 V
Transients, Max (13ms)
N/A
N/A
N/A
N/A
N/A
N/A
N/A
±50 V
±50 V
Reverse Polarity
N/A
N/A
N/A
N/A
N/A
N/A
N/A
16
32
P.O. Box 4428
Santa Barbara, CA 93140
www.gigavac.com
+805-684-8401
info@gigavac.com
Rev
6
27/Jan/22 © 2013 GIGAVAC, LLC Page 2 of 2
MX21
Power Circuit and Installation



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com