Electronic Components Datasheet Search
  English  ▼

X  

MXSA Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # MXSA
Description  Automatic trip function 350 amp and 600 amp versions
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

MXSA Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  MXSA Datasheet HTML 1Page - Sensata Technologies, Inc. MXSA Datasheet HTML 2Page - Sensata Technologies, Inc. MXSA Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1.89
MOUNTING
47.9
2.40
61
3.24
82.3
5.40
137.2
1.89
MOUNTING
47.9
1.50
38.1
3.85
97.8
2X M6 OR 1/4 IN
MOUNTING HOLES
.260
.97
24.6
2.38
SERIES 15
60.4
1.07
MOUNTING
27.2
.52
13.3
3.00
SERIES 16
76.2
CASE MATERIAL
DUPONT ZYTEL FR50
3D MODEL AVAILABLE
UPON REQUEST
* AVAILABLE AS AN ASSEMBLY (0857-3/4)
POWER CONNECTION
ZINC PLATED, M12X1.75 BOLT
STAINLESS M12X1.75 FLANGED NUT
TORQUE 200-300 IN-LB (22-33 Nm)
MATING DEUTSCH CONNECTOR *
PART NUMBER
DESCRIPTION
DT06-08SA
CONNECTOR HOUSING
0462-201-16141
SOCKET
114017
SEALING PLUG
HDT-48-00
RECOMMENDED
CRIMPER
W8S
WEDGE
Over Current Contactor
Automatic trip function
350 amp and 600 amp versions
Key Features
EPIC® Seal
Ceramic to metal braze.
Gas filled hermetic chamber
protects key components.
Exceeds IP69K standard
Contacts / Form
Silver / SPST / NO
Coil
Efficient two coil design with
no PWM or EMI emissions.
Suppression
Coil suppression built in
High Shock and Vibration
For rugged environments,
off-road and tracked vehicles
Installation
Not direction sensitive
Reference
MIL-R-6106, RoHS
AUXILIARY
B=SPST, NO
C=SPST, NC
BLANK=NONE
SERIES
15=350A
16=600A
MXSA _ _ _ _
COIL VOLTAGE
B=12VDC
C=24VDC
CONNECTOR
E=DEUTSCH DT08 CONNECTOR
EX: MXSA16CEB
Current Carry
ADVANCED SWITCHING SOLUTIONS
6382 Rose Lane
Carpinteria, CA
93013
www.gigavac.com
info@gigavac.com
+805-684-8401
Rev 10
11-28-17 © 2017 GIGAVAC, LLC
Page 1 of 2 MXSA
1.89
MOUNTING
47.9
2.40
61
3.24
82.3
5.40
137.2
1.89
MOUNTING
47.9
1.50
38.1
3.85
97.8
2X M6 OR 1/4 IN
MOUNTING HOLES
.260
.97
24.6
2.38
SERIES 15
60.4
1.07
MOUNTING
27.2
.52
13.3
3.00
SERIES 16
76.2
CASE MATERIAL
DUPONT ZYTEL FR50
3D MODEL AVAILABLE
UPON REQUEST
* AVAILABLE AS AN ASSEMBLY (0857-3/4)
POWER CONNECTION
ZINC PLATED, M12X1.75 BOLT
STAINLESS M12X1.75 FLANGED NUT
TORQUE 200-300 IN-LB (22-33 Nm)
MATING DEUTSCH CONNECTOR *
PART NUMBER
DESCRIPTION
DT06-08SA
CONNECTOR HOUSING
0462-201-16141
SOCKET
114017
SEALING PLUG
HDT-48-00
RECOMMENDED
CRIMPER
W8S
WEDGE
1.89
MOUNTING
47.9
2.40
61
3.24
82.3
5.40
137.2
1.89
MOUNTING
47.9
1.50
38.1
3.85
97.8
2X M6 OR 1/4 IN
MOUNTING HOLES
.260
.97
24.6
2.38
SERIES 15
60.4
1.07
MOUNTING
27.2
.52
13.3
3.00
SERIES 16
76.2
CASE MATERIAL
DUPONT ZYTEL FR50
3D MODEL AVAILABLE
UPON REQUEST
* AVAILABLE AS AN ASSEMBLY (0857-3/4)
POWER CONNECTION
ZINC PLATED, M12X1.75 BOLT
STAINLESS M12X1.75 FLANGED NUT
TORQUE 200-300 IN-LB (22-33 Nm)
MATING DEUTSCH CONNECTOR *
PART NUMBER
DESCRIPTION
DT06-08SA
CONNECTOR HOUSING
0462-201-16141
SOCKET
114017
SEALING PLUG
HDT-48-00
RECOMMENDED
CRIMPER
W8S
WEDGE
Coil Ratings (25ºC, Currents & Power At Nominal V)
Series
15
16
Coil P/N Designation
B
C
B
C
Coil Voltage (Nominal)
12
24
12
24
V
Maximum Safe Voltage
16
32
16
32
V
Inrush Current (max, includes both coils)
3.9
1.6
3.8
1.9
A
Hold Current after inrush (max)
0.23 0.097 0.64
0.32 A
Coil Hold Power (max)
2.8
2.3
7.7
7.8
W
Coil Back EMF1
0
V
Transient on all pins
+50V 13ms
Reverse polarity on all pins
-80
V
Smart-Tactor™
1 Coils are switched internally with a FET, so no fly-back/suppression voltage is seen at
the coil inputs.


Similar Part No. - MXSA

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MXS MSYSTEM-MXS Datasheet
115Kb / 3P
Plug-in Signal Conditioners MX-UNIT
MXS-1V1-K MSYSTEM-MXS-1V1-K Datasheet
115Kb / 3P
Plug-in Signal Conditioners MX-UNIT
MXS-1V1-K/Q MSYSTEM-MXS-1V1-K/Q Datasheet
115Kb / 3P
Plug-in Signal Conditioners MX-UNIT
MXS-1V1-L MSYSTEM-MXS-1V1-L Datasheet
115Kb / 3P
Plug-in Signal Conditioners MX-UNIT
MXS-1V1-L/Q MSYSTEM-MXS-1V1-L/Q Datasheet
115Kb / 3P
Plug-in Signal Conditioners MX-UNIT
More results

Similar Description - MXSA

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MR2406FR MCC-MR2406FR Datasheet
389Kb / 3P
24 Amp Rectifier 600 Volts
logo
Maxim Integrated Produc...
MAX3861 MAXIM-MAX3861 Datasheet
1Mb / 13P
2.7Gbps Post Amp with Automatic Gain Control
Rev 0; 02/02
logo
Central Semiconductor C...
CS223M CENTRAL-CS223M Datasheet
130Kb / 2P
0.8 AMP SCR 600 VOLTS
logo
Micro Commercial Compon...
1N4005-TS01 MCC-1N4005-TS01 Datasheet
67Kb / 2P
1.0 Amp Rectifier 600 Volts
logo
Solid States Devices, I...
SFT10000-3 SSDI-SFT10000-3 Datasheet
58Kb / 2P
20 AMP 350 VOLTS NPN DARLINGTON TRANSISTOR
SPT6060-3 SSDI-SPT6060-3 Datasheet
26Kb / 2P
20 AMP 350 VOLTS NPN DARLINGTON TRANSISTOR
SPT6233 SSDI-SPT6233 Datasheet
162Kb / 2P
5 AMP 250 - 350 Volts NPN Transistor
logo
New Jersey Semi-Conduct...
GSTU8030 NJSEMI-GSTU8030 Datasheet
105Kb / 2P
NPN 300, 350, 400V 8 AMP SWITCHING
GSRU20030 NJSEMI-GSRU20030 Datasheet
107Kb / 2P
NPN 300, 350, 400V 20 AMP SWITCHING
GSRU10030 NJSEMI-GSRU10030 Datasheet
105Kb / 2P
NPN 300, 350, 400V 10 AMP SWITCHING
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com