Electronic Components Datasheet Search
  English  ▼

X  

MXSA Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # MXSA
Description  Automatic trip function 350 amp and 600 amp versions
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

MXSA Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  MXSA Datasheet HTML 1Page - Sensata Technologies, Inc. MXSA Datasheet HTML 2Page - Sensata Technologies, Inc. MXSA Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Environmental And Switching Specification
Series
15
16
Contacts
Contact form
SPST-NO
Contact Voltage Rating
12-48V
Insulation resistance, A1-A2 and A1&A2
to controls
500V, 100MΩ (50MΩ after life)
Dielectric, A1-A2 and A1&A2 to controls
2200VAC, 60Hz, 1mA
Contact Resistance (max)
1.5 mΩ (.4 avg)
Current (see chart for Temp. derating)
350A
400MCM
600A
500MCM
90s
1000A
1500A
10s
2000A
3000A
1s
3000A
4000A
Optional Aux, SPST, NO or NC
2A @ 28V
Resistive Load Switching
Fault interrupt
3000A
5000A
Resistive switching @ 28V
100,000 cycles
@ 350A
100,000 cycles
@ 600A
Please contact factory for more detailed resitive switching specifications.
Mechanical life
300,000 cycles
Environmental Specifications
Weight (Max, with hardware)
1.6lbs, 725g
2lbs, 910g
Vibration (10 - 2000Hz)
15G
Shock, 1/2 Sine, 11ms
20G
Temperature Range (ambient)
-40ºC to 85ºC
Max Terminal Temperature
125ºC
Water Resistance
IP67 and IP69K
Seal: Hermetic Vacuum Braze, tested to E-9 std cc/sec
Steam/Water-Jet/
Boiling Water
105psi Steam/2750psi Jet/
Submersion in BW
Chemicals, Corrosion, Fungal Growth
Resistant
Timing (Max Values @ 25ºC)
Operate (including bounce)
20
ms
Inrush
75
ms
Release
12
7
ms
For details, contact factory for App. Note
8
9
12
13
#
Ordering Key
Power Circuit and Installation
6382 Rose Lane
Carpinteria, CA
93013
www.gigavac.com
info@gigavac.com
+805-684-8401
Rev 10
11-28-17 © 2017 GIGAVAC, LLC
Page 2 of 2 MXSA
NOTES:
1. With power applied to Vin, the contacts will close when Vcontrol is greater than
Vcontrol:Close and open when Vcontrol is less than Vcontrol:Open (see Settings Parameters
for values). Connect Vcontrol to Vin to disable logic level control.
2. When the trip limit is exceeded the contacts will open and the Trip indicator line will go
low. The TRIP pin is an open drain. After a trip, Vcontrol needs to be brought low to reset the
contactor.
3. Connect resistor Rx as shown in red to set the current trip level. Choose Rx using the
equation in Settings Parameters. No resistor = 600A.
4. Contactor has two coils. Both are used for pull-in. After approx mately 75 milliseconds,
one coil is electronically removed from the coil drive circuit. The remaining coil supplies low
continuous hold power sufficient for the contactor to meet all of its specified performance
specifications. This provides the lowest coil power possible without the use of PWM
electronics that have been known to cause EMI emissions and/or crosstalk on system
control power.
5. Current Sense: Indicates the current through the main contacts (A2 and A1). The current
sense range is from -600 to +600 amps.
Pin 1: 0V to 5V, Vout = (I/240) + 2.5
Settings Parameters
Coil Voltage
B
C
Vin Input Voltage Range
10-16
20-30
V
Vcontrol Pin Input Resis-
tance
10k with 100k pull down
Ω
Vcontrol:Close
2.5-32
V
Vcontrol:Open
0-1.5
V
Current Trip Setting Range
±(20-600)
A
Rx Value (I_Trip is the trip
level in Amps)
Rx = 100kΩ * I_Trip /
600A
A
Current Sense Accuracy
±7%
Over Current Response Time
2ms + release time
ms
Max Sink Current on Trip Pin
10
mA
AUXILIARY
B=SPST, NO
C=SPST, NC
BLANK=NONE
SERIES
15=350A
16=600A
MXSA _ _ _ _
COIL VOLTAGE
B=12VDC
C=24VDC
CONNECTOR
E=DEUTSCH DT08 CONNECTOR
EX: MXSA16CEB
Rx
GND/COIL-
VIN/COIL+
VCONTROL
TRIP
AUX
Rx+
AUX
CURRENT
SENSE
Low
Trip
High
Open
Contacts
Closed
0V
Vcontrol
0A
Icontacts
I trip
0v
Vin
Timing Diagram
NOTES:
With power applied to Vin, the contacts will close when Vcontrol
1.
is greater than Vcontrol_Close and open when Vcontrol is less
than Vcontrol_Open (see Features chart for values). Connect
Vcontrol to Vin to disable logic level control.
When the trip limit is exceeded the contacts will open and the
2.
Trip indicator line will go low. The TRIP pin is an open drain.
Connect resistor Rx as shown in red to set the current trip level.
3.
Choose Rx using the equation in the Features Table.
Contactor has two coils. Both are used for pull-in. After
4.
approximately 75 milliseconds, one coil is electronically removed
from the coil drive circuit. The remaining coil supplies low
continuous hold power sufficient for the contactor to meet all of
its specified performance specifications. This provides the lowest
coil power possible without the use of PWM electronics that
have been known to cause EMI emissions and/or cross-talk on
system control power.
Current Sense: Indicates the current through the main contacts
5.
(A2 & A1). The current sense range is from -600A to +600A.
Pin1: 0V to 5V
Vout = I/240 + 2.5
Rx
GND/COIL-
VIN/COIL+
VCONTROL
TRIP
AUX
Rx+
AUX
CURRENT
SENSE
Low
Trip
High
Open
Contacts
Closed
0V
Vcontrol
0A
Icontacts
I trip
0v
Vin
Timing Diagram
NOTES:
With power applied to Vin, the contacts will close when Vcontrol
1.
is greater than Vcontrol_Close and open when Vcontrol is less
than Vcontrol_Open (see Features chart for values). Connect
Vcontrol to Vin to disable logic level control.
When the trip limit is exceeded the contacts will open and the
2.
Trip indicator line will go low. The TRIP pin is an open drain.
Connect resistor Rx as shown in red to set the current trip level.
3.
Choose Rx using the equation in the Features Table.
Contactor has two coils. Both are used for pull-in. After
4.
approximately 75 milliseconds, one coil is electronically removed
from the coil drive circuit. The remaining coil supplies low
continuous hold power sufficient for the contactor to meet all of
its specified performance specifications. This provides the lowest
coil power possible without the use of PWM electronics that
have been known to cause EMI emissions and/or cross-talk on
system control power.
Current Sense: Indicates the current through the main contacts
5.
(A2 & A1). The current sense range is from -600A to +600A.
Pin1: 0V to 5V
Vout = I/240 + 2.5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com