Electronic Components Datasheet Search
  English  ▼

X  

PDIUSBH12N Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PDIUSBH12N
Description  USB 2-port hub
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDIUSBH12N Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PDIUSBH12N Datasheet HTML 2Page - NXP Semiconductors PDIUSBH12N Datasheet HTML 3Page - NXP Semiconductors PDIUSBH12N Datasheet HTML 4Page - NXP Semiconductors PDIUSBH12N Datasheet HTML 5Page - NXP Semiconductors PDIUSBH12N Datasheet HTML 6Page - NXP Semiconductors PDIUSBH12N Datasheet HTML 7Page - NXP Semiconductors PDIUSBH12N Datasheet HTML 8Page - NXP Semiconductors PDIUSBH12N Datasheet HTML 9Page - NXP Semiconductors PDIUSBH12N Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Philips Semiconductors
Product specification
PDIUSBH12
USB 2-port hub
1999 Jul 22
6
PINNING
The PDIUSBH12 has two modes of operation. The first mode (Mode 0) configures the pins DNx_GL_N for GoodLink
™ LED indication. The
second mode (Mode 1) configures the LED pins as per port overcurrent condition pins. An overcurrent condition on any port can be uniquely
identified in Mode 1. However, all downstream ports are disabled as a result of a single overcurrent condition. In addition to the two modes of
operation, the PDIUSBH12 can also be configured to take either a 48 MHz crystal oscillator (for backward compatibility to PDIUSBH11) or a 12
MHz crystal.
The internal 4X clock multiplier PLL will be activated when 12 MHz input XTAL mode is selected. Also, the output clock frequency is now
programmable rather than fixed to 12 MHz. The output clock frequency can be programmed through the Set Mode command. All these new
features are added while maintaining backward compatibility to the PDIUSBH11 through TEST2 and TEST1 pins.
TEST2
TEST1
MODE
INPUT XTAL FREQUENCY
(MHz)
OUTPUT CLOCK FREQUENCY
(AT REST)
00
MODE 0
(GoodLink
™)
48
12MHz
01
MODE 0
(GoodLink
™)
12
4 MHz
10
MODE 1
(Individual Overcurrent)
12
4 MHz
11
MODE 1
(Individual Overcurrent)
48
12 MHz
NOTE:
1. Pin TEST3 should always be connected to Ground at all times.
Pin configuration
1
2
3
4
5
6
7
8
9
10
11
12
17
18
19
20
21
22
23
24
25
26
27
28
TEST1
TEST2
TEST3
RESET_N
GND
XTAL1
XTAL2
CLKOUT
VCC
OCURRENT_N /
OCURRENT2_N
SWITCH_N
UP_DM
UP_DP
AVCC
AGND
DN2_DM
DN2_DP
DN3_DM
GND
DN3_DP
SCL
SDA
INT_N
SUSPEND
13
16 RSVD
DN2_GL_N
14
15 RSVD
DN3_GL_N /
OCURRENT3_N
SV01751
NOTE:
Pin 10 and Pin 14 show alternative pin functions, depending on
mode of operation (Mode 0 or Mode 1) as described in
Pin Description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com