Electronic Components Datasheet Search
  English  ▼

X  

PDIUSBH12N Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PDIUSBH12N
Description  USB 2-port hub
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDIUSBH12N Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PDIUSBH12N Datasheet HTML 10Page - NXP Semiconductors PDIUSBH12N Datasheet HTML 11Page - NXP Semiconductors PDIUSBH12N Datasheet HTML 12Page - NXP Semiconductors PDIUSBH12N Datasheet HTML 13Page - NXP Semiconductors PDIUSBH12N Datasheet HTML 14Page - NXP Semiconductors PDIUSBH12N Datasheet HTML 15Page - NXP Semiconductors PDIUSBH12N Datasheet HTML 16Page - NXP Semiconductors PDIUSBH12N Datasheet HTML 17Page - NXP Semiconductors PDIUSBH12N Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Philips Semiconductors
Product specification
PDIUSBH12
USB 2-port hub
1999 Jul 22
14
Table 3.
Error codes
ERROR
CODE
RESULT
0000
No Error
0001
PID encoding Error; bits 7–4 are not the inversion of
bits 3–0
0010
PID unknown; encoding is valid, but PID does not
exist
0011
Unexpected packet; packet is not of the type expected
(= token, data or acknowledge), or SETUP token to a
non-control endpoint
0100
Token CRC Error
0101
Data CRC Error
0110
Time Out Error
0111
Babble Error
1000
Unexpected End-of-packet
1001
Sent or received NAK
1010
Sent Stall, a token was received, but the endpoint was
stalled
1011
Overflow Error, the received packet was longer than
the available buffer space
1101
Bitstuff Error
1111
Wrong DATA PID; the received DATA PID was not the
expected one
Read Endpoint Status
Command
: 80–8Dh
Data
: Read 1 byte
POWER ON VALUE
RESERVED
SETUP PACKET
STALL
DATA 0/1 PACKET
BUFFER FULL
76
5
4
3
2
X
1
X
0
00
00
XX
SV00833
RESERVED
Setup Packet
A ‘1’ indicates the last received
packet had a SETUP token.
STALL
A ‘1’ indicates the endpoint is
stalled.
Data 0/1 Packet
A ‘1’ indicates if the last received
or sent packet had a DATA1 PID.
Buffer Full
A ‘1’ indicates that the buffer is
full.
Read Buffer
Command
: F0h
Data
: Read multiple bytes (max 10)
The Read Buffer command is followed by a number of data reads,
which return the contents of the selected endpoint data buffer. After
each read, the internal buffer pointer is incremented by 1.
The buffer pointer is not reset to the buffer start by the Read Buffer
command. This means that reading or writing a buffer can be
interrupted by any other command (except for Select Endpoint), or
can be done by more than one I2C transaction (read the first 2 bytes
to get the number of data bytes, then read the rest in other
transactions).
The data in the buffer are organized as follows:
• byte 0: Reserved: can have any value
• byte 1: Number/length of data bytes
• byte 2: Data byte 1
• byte 3: Data byte 2
Write Buffer
Command
: F0h
Data
: Write multiple bytes (max 10)
The Write Buffer command is followed by a number of data writes,
which load the endpoints buffer. The data must be organized in the
same way as described in the Read Buffer command. The first byte
(reserved) should always be 0. As in the Read Buffer command, the
data can be split up into different I2C data transactions.
WARNING:
There is no protection against writing or reading over a buffer’s
boundary or against writing into an OUT buffer or reading from an IN
buffer. Any of these actions could cause an incorrect operation. Data
in an OUT buffer are only meaningful after a successful transaction.
Clear Buffer
Command
: F2h
Data
: None
When a packet is received completely, an internal endpoint buffer
full flag is set. All subsequent packets will be refused by returning a
NAK. When the microcontroller has read the data, it should free the
buffer by the Clear Buffer command. When the buffer is cleared new
packets will be accepted.
Validate Buffer
Command
: FAh
Data
: None
When the microprocessor has written data into an IN buffer, it should
set the buffer full flag by the Validate Buffer command. This indicates
that the data in the buffer are valid and can be sent to the host when
the next IN token is received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com