Electronic Components Datasheet Search
  English  ▼

X  

BAC1 Datasheet(PDF) 6 Page - Murata Power Solutions Inc.

Part # BAC1
Description  Isolated 1W Regulated Single Output AC/DC Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

BAC1 Datasheet(HTML) 6 Page - Murata Power Solutions Inc.

Back Button BAC1 Datasheet HTML 2Page - Murata Power Solutions Inc. BAC1 Datasheet HTML 3Page - Murata Power Solutions Inc. BAC1 Datasheet HTML 4Page - Murata Power Solutions Inc. BAC1 Datasheet HTML 5Page - Murata Power Solutions Inc. BAC1 Datasheet HTML 6Page - Murata Power Solutions Inc. BAC1 Datasheet HTML 7Page - Murata Power Solutions Inc. BAC1 Datasheet HTML 8Page - Murata Power Solutions Inc. BAC1 Datasheet HTML 9Page - Murata Power Solutions Inc. BAC1 Datasheet HTML 10Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
BAC1 Series
Isolated 1W Regulated Single Output AC/DC Converters
KAC_BAC1C.C01 Page 6 of 14
www.murata.com
APPLICATION NOTES (Continued)
Components required to meet datasheet specifications - 24V output types
Advisory Notes
The BAC1 series is not hermetically sealed, customers should ensure that parts are fully dried before input power application.
Output Capacitance and start-up times
The recommended specified caps on page 4 and 5 can already meet datasheet specification, there is no need to add extra caps. However, if customers connects to load
capacitance, the below load capacitance are max (additional to recommended specified caps) to ensure start up at minimum AC input.
Minimum Load
The minimum load to meet full datasheet specification is 5% of the full rated load across the specified input voltage range.
24V output type - minimum input voltage requirements
At -40C the part is guaranteed to start into 100% load with a minimum input voltage of 115Vac; once the product is operating, the product will continue to operate at lower
input voltages with higher output loading.
The product will start at -40C with 80% or lower load with an input voltage of 100VAC; once the product is operating, the product will continue to operate at lower input
voltages with higher output loading.
1
7
5
3
FUSE
C2
D1
L1
10
12
+Vout
-Vout
AC (L)
AC (N)
+
MOV
C1
FUSE
1W 10Ω fusible resistor
MOV
Component fitted for compliance with EN61000-4-5, Installation class 3, perf criteria A
L1
330μH
C1
6.8μF 400V
C2
47μF 25mΩ low ESR polymer
D1
SMBJ30A transient voltage suppressor - component fitted for overshoot protection
Part No.
Maximum Load Capacitance (per output)
Start-up times (AC input)
Start-up times (DC input)
μF
s
s
BAC1S05SC
220
0.5
5
BAC1S12SC
100
1
5
BAC1S24SC
100
1
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com