Electronic Components Datasheet Search
  English  ▼

X  

BAC1 Datasheet(PDF) 13 Page - Murata Power Solutions Inc.

Part # BAC1
Description  Isolated 1W Regulated Single Output AC/DC Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

BAC1 Datasheet(HTML) 13 Page - Murata Power Solutions Inc.

Back Button BAC1 Datasheet HTML 6Page - Murata Power Solutions Inc. BAC1 Datasheet HTML 7Page - Murata Power Solutions Inc. BAC1 Datasheet HTML 8Page - Murata Power Solutions Inc. BAC1 Datasheet HTML 9Page - Murata Power Solutions Inc. BAC1 Datasheet HTML 10Page - Murata Power Solutions Inc. BAC1 Datasheet HTML 11Page - Murata Power Solutions Inc. BAC1 Datasheet HTML 12Page - Murata Power Solutions Inc. BAC1 Datasheet HTML 13Page - Murata Power Solutions Inc. BAC1 Datasheet HTML 14Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
BAC1 Series
Isolated 1W Regulated Single Output AC/DC Converters
KAC_BAC1C.C01 Page 13 of 14
www.murata.com
PACKAGING SPECIFICATIONS (Continued)
TRAY OUTLINE DIMENSIONS
EPE Tray/Lid
Quantity: 35
All dimensions in mm (inches) Controlling dimension is mm.
330.0 ±1.0
12.992 ±0.039



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com