Electronic Components Datasheet Search
  English  ▼

X  

B37830 Datasheet(PDF) 1 Page - EPCOS

Part # B37830
Description  Multilayer Ceramic Capacitors Array
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37830 Datasheet(HTML) 1 Page - EPCOS

  B37830 Datasheet HTML 1Page - EPCOS B37830 Datasheet HTML 2Page - EPCOS B37830 Datasheet HTML 3Page - EPCOS B37830 Datasheet HTML 4Page - EPCOS B37830 Datasheet HTML 5Page - EPCOS B37830 Datasheet HTML 6Page - EPCOS B37830 Datasheet HTML 7Page - EPCOS B37830 Datasheet HTML 8Page - EPCOS B37830 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
92
10/02
Ordering code system
B37830
R
0
101
K
0
2
Packaging
1
cardboard tape, 180-mm reel
3
cardboard tape, 330-mm reel
^
^
Internal coding: 0 or decimal place for cap. values < 10 pF
Capacitance tolerance
J
± 5 %
K
± 10 % (standard for C0G)
M
± 20 % (standard for X7R)
^
^
^
Rated voltage
Rated voltage [VDC]
Code
16
25
50
905
Termination
R
nickel barrier for all case sizes
“R“ also indicates array capacitor
^
Type and size
Chip size
(inch / mm)
0405 / 1012
0508 / 1220
0612 / 1632
Temperature characteristic
C0G
X7R
B37830
B37831
B37940
B37941
B37871
B37872
1
2
2-fold array
4
4-fold array
^
^
Capacitance, coded
(example)
100
10 · 100 pF = 10 pF
101
10 · 101 pF = 100 pF
220
22 · 100 pF = 22 pF
^
^
^
Standard:
Array
C0G and X7R
Multilayer Ceramic Capacitors


Similar Part No. - B37830

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37830R0010J021 EPCOS-B37830R0010J021 Datasheet
720Kb / 16P
Multilayer ceramic capacitors
B37830R0010J023 EPCOS-B37830R0010J023 Datasheet
720Kb / 16P
Multilayer ceramic capacitors
B37830R0010J041 EPCOS-B37830R0010J041 Datasheet
720Kb / 16P
Multilayer ceramic capacitors
B37830R0010J043 EPCOS-B37830R0010J043 Datasheet
720Kb / 16P
Multilayer ceramic capacitors
B37830R0010K021 EPCOS-B37830R0010K021 Datasheet
720Kb / 16P
Multilayer ceramic capacitors
More results

Similar Description - B37830

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJU PANASONIC-ECJU Datasheet
141Kb / 3P
Multilayer Ceramic Capacitors (2 Array Type)
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
Multilayer Ceramic Capacitors
ECJ-RVF1E104Z PANASONIC-ECJ-RVF1E104Z Datasheet
195Kb / 4P
Multilayer Ceramic Capacitors (4 Array Type)
ECJ-RVC1H471K PANASONIC-ECJ-RVC1H471K Datasheet
195Kb / 4P
Multilayer Ceramic Capacitors(4 Array Type)
ECJ-TVB1A104M PANASONIC-ECJ-TVB1A104M Datasheet
195Kb / 4P
Multilayer Ceramic Capacitors(4 Array Type)
ECJ-RVB1H682M PANASONIC-ECJ-RVB1H682M Datasheet
195Kb / 4P
Multilayer Ceramic Capacitors (4 Array Type)
ECJ-RVC1H181K PANASONIC-ECJ-RVC1H181K Datasheet
195Kb / 4P
Multilayer Ceramic Capacitors (4 Array Type)
ECJ-RVC1H470K PANASONIC-ECJ-RVC1H470K Datasheet
195Kb / 4P
Multilayer Ceramic Capacitors(4 Array Type)
ECJ-RVB1C104M PANASONIC-ECJ-RVB1C104M Datasheet
196Kb / 4P
Multilayer Ceramic Capacitors (4 Array Type)
ECJ-RVC1H220K PANASONIC-ECJ-RVC1H220K Datasheet
196Kb / 4P
Multilayer Ceramic Capacitors (4 Array Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com