Electronic Components Datasheet Search
  English  ▼

X  

B37830 Datasheet(PDF) 2 Page - EPCOS

Part # B37830
Description  Multilayer Ceramic Capacitors Array
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37830 Datasheet(HTML) 2 Page - EPCOS

  B37830 Datasheet HTML 1Page - EPCOS B37830 Datasheet HTML 2Page - EPCOS B37830 Datasheet HTML 3Page - EPCOS B37830 Datasheet HTML 4Page - EPCOS B37830 Datasheet HTML 5Page - EPCOS B37830 Datasheet HTML 6Page - EPCOS B37830 Datasheet HTML 7Page - EPCOS B37830 Datasheet HTML 8Page - EPCOS B37830 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
101 10/02
Features
■ Reduction of mounting time and mounting costs
■ Space saving on the PCB
Applications
■ Suitable for electronic circuits with parallel line layout
■ Decoupling
■ Coupling
■ Blocking
■ Interference suppression
Termination
■ For soldering: Nickel-barrier terminations (Ni)
Options
■ Alternative capacitance tolerances available on request
Delivery mode
■ Cardboard tape, 180-mm and 330-mm reel available
Electrical data
Temperature characteristic
X7R
Climatic category (IEC 60068-1)
55/125/56
Standard
EIA
Dielectric
Class 2
Rated voltage1)
VR
16, 25, 50
VDC
Test voltage
Vtest
2,5 · VR/5 s
VDC
Capacitance range
CR
1 nF … 22 nF
Max. relative capacitance change
DC/C
±15
%
Dissipation factor (limit value)
tan
d
< 25 · 10–3
< 35 · 10–3 for 16V
Insulation resistance2) at + 25
°C
Rins
> 105
M
W
Insulation resistance2) at +125
°C
Rins
> 104
M
W
Time constant2) at + 25
°C
t
> 1000
s
Time constant2) at + 125
°C
t
> 100
s
Operating temperature range
Top
– 55 … +125
°C
Ageing3)
yes
1) Note: No operation on AC line.
2) For CR > 10 nF the time constant t = C · Rins is given.
3) Refer to chapter “General Technical Information”, page 197.
Array
X7R
Multilayer Ceramic Capacitors



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com