Electronic Components Datasheet Search
  English  ▼

X  

BCP54 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BCP54
Description  45 V, 1 A NPN medium power transistors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCP54 Datasheet(HTML) 4 Page - NXP Semiconductors

  BCP54 Datasheet HTML 1Page - NXP Semiconductors BCP54 Datasheet HTML 2Page - NXP Semiconductors BCP54 Datasheet HTML 3Page - NXP Semiconductors BCP54 Datasheet HTML 4Page - NXP Semiconductors BCP54 Datasheet HTML 5Page - NXP Semiconductors BCP54 Datasheet HTML 6Page - NXP Semiconductors BCP54 Datasheet HTML 7Page - NXP Semiconductors BCP54 Datasheet HTML 8Page - NXP Semiconductors BCP54 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
BC635_BCP54_BCX54_7
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 07 — 4 June 2007
4 of 15
NXP Semiconductors
BC635; BCP54; BCX54
45 V, 1 A NPN medium power transistors
5.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for collector 1 cm2.
[3]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for collector 6 cm2.
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
45
V
VCEO
collector-emitter voltage
open base
-
45
V
VEBO
emitter-base voltage
open collector
-
5
V
IC
collector current
-
1
A
ICM
peak collector current
single pulse;
tp ≤ 1ms
-
1.5
A
IBM
peak base current
single pulse;
tp ≤ 1ms
-
0.2
A
Ptot
total power dissipation
Tamb ≤ 25 °C
BC635
[1] -
0.83
W
BCP54
[1] -
0.64
W
[2] -
0.96
W
BCX54
[1] -
0.5
W
[2] -
0.85
W
[3] -
1.25
W
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com