Electronic Components Datasheet Search
  English  ▼

X  

BCP54 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # BCP54
Description  45 V, 1 A NPN medium power transistors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCP54 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button BCP54 Datasheet HTML 7Page - NXP Semiconductors BCP54 Datasheet HTML 8Page - NXP Semiconductors BCP54 Datasheet HTML 9Page - NXP Semiconductors BCP54 Datasheet HTML 10Page - NXP Semiconductors BCP54 Datasheet HTML 11Page - NXP Semiconductors BCP54 Datasheet HTML 12Page - NXP Semiconductors BCP54 Datasheet HTML 13Page - NXP Semiconductors BCP54 Datasheet HTML 14Page - NXP Semiconductors BCP54 Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
BC635_BCP54_BCX54_7
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 07 — 4 June 2007
11 of 15
NXP Semiconductors
BC635; BCP54; BCX54
45 V, 1 A NPN medium power transistors
8.
Package outline
Fig 14. Package outline SOT54 (SC-43A/TO-92)
Fig 15. Package outline SOT54A
Fig 16. Package outline SOT54 variant
Fig 17. Package outline SOT223 (SC-73)
Fig 18. Package outline SOT89 (SC-62/TO-243)
04-11-16
Dimensions in mm
5.2
5.0
14.5
12.7
4.8
4.4
4.2
3.6
0.45
0.38
0.48
0.40
1.27
2.54
3
2
1
04-06-28
Dimensions in mm
5.2
5.0
14.5
12.7
4.8
4.4
4.2
3.6
0.45
0.38
0.48
0.40
2.54
5.08
3 max
3
2
1
05-01-10
Dimensions in mm
5.2
5.0
14.5
12.7
4.8
4.4
4.2
3.6
0.45
0.38
0.48
0.40
1.27
1.27
2.54
2.5
max
3
2
1
04-11-10
Dimensions in mm
6.7
6.3
3.1
2.9
1.8
1.5
7.3
6.7
3.7
3.3
1.1
0.7
13
2
4
4.6
2.3
0.8
0.6
0.32
0.22
06-08-29
Dimensions in mm
4.6
4.4
1.8
1.4
1.6
1.4
1.2
0.8
3
1.5
0.48
0.35
0.44
0.23
0.53
0.40
2.6
2.4
4.25
3.75
12
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com