Electronic Components Datasheet Search
  English  ▼

X  

ADS6445IRGCT Datasheet(PDF) 16 Page - STMicroelectronics

Part # ADS6445IRGCT
Description  QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADS6445IRGCT Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ADS6445IRGCT Datasheet HTML 12Page - STMicroelectronics ADS6445IRGCT Datasheet HTML 13Page - STMicroelectronics ADS6445IRGCT Datasheet HTML 14Page - STMicroelectronics ADS6445IRGCT Datasheet HTML 15Page - STMicroelectronics ADS6445IRGCT Datasheet HTML 16Page - STMicroelectronics ADS6445IRGCT Datasheet HTML 17Page - STMicroelectronics ADS6445IRGCT Datasheet HTML 18Page - STMicroelectronics ADS6445IRGCT Datasheet HTML 19Page - STMicroelectronics ADS6445IRGCT Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 75 page
background image
www.ti.com
(3/8) AVDD
(3/8) AVDD
ToParallelPin
3R
AVDD
AVDD
GND
GND
3R
2R
(5/8) AVDD
(5/8) AVDD
ADS6445, ADS6444
ADS6443, ADS6442
SLAS531 – MAY 2007
Since some functions are controlled using both the parallel pins and serial registers, the priority between the two
is determined by a priority table (refer to Table 4).
Table 4. Priority Between Parallel Pins and Serial Registers
PIN
FUNCTIONS SUPPORTED
PRIORITY
As described in Table 8 to
Register bits can control the modes only if the register bit <OVRD> is high. If <OVRD> bit
CFG1 to CFG4
Table 11
is low, then the control voltage on these parallel pins determines the function.
Register bit <PDN GLOBAL> controls global power down only if PDN pin is low. If PDN is
PDN
Global Power Down
high, device is in global power down.
Coarse gain is controlled by register bit <COARSE GAIN>only if the <OVRD> bit is high.
Else, device has 0 dB coarse gain.
SEN
Serial Interface Enable
Internal/External Reference setting is determined by register bit <REF>.
Register bits <PATTERNS> control the sync and deskew output patterns.
Serial Interface Clock and
SCLK, SDATA
Serial Interface Data pins
Power down is determined by bit <PDN GLOBAL>
Figure 3. Simple Scheme to Configure Parallel Pins
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com