Electronic Components Datasheet Search
  English  ▼

X  

ADS6445IRGCT Datasheet(PDF) 25 Page - STMicroelectronics

Part # ADS6445IRGCT
Description  QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADS6445IRGCT Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ADS6445IRGCT Datasheet HTML 21Page - STMicroelectronics ADS6445IRGCT Datasheet HTML 22Page - STMicroelectronics ADS6445IRGCT Datasheet HTML 23Page - STMicroelectronics ADS6445IRGCT Datasheet HTML 24Page - STMicroelectronics ADS6445IRGCT Datasheet HTML 25Page - STMicroelectronics ADS6445IRGCT Datasheet HTML 26Page - STMicroelectronics ADS6445IRGCT Datasheet HTML 27Page - STMicroelectronics ADS6445IRGCT Datasheet HTML 28Page - STMicroelectronics ADS6445IRGCT Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 75 page
background image
www.ti.com
ADS6445, ADS6444
ADS6443, ADS6442
SLAS531 – MAY 2007
00010
200
Ω
00100
250
Ω
01000
333
Ω
10000
500
Ω
Any combination of above bits can also be programmed, resulting in a parallel combination
of the selected values. For example, 00101 is the parallel combination of 166||250 = 100
Ω
00101
100
Ω
Table 20. Serial Register H
REGISTER
BITS
ADDRESS
A4 - A0
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
<TERM DATA>
11
WORD-WISE CONTROL
0
0
0
0
LVDS INTERNAL TERMINATION - DATA OUTPUTS
D4-D0
<TERM DATA> LVDS internal termination for data outputs
00000
No internal termination
00001
166
Ω
00010
200
Ω
00100
250
Ω
01000
333
Ω
10000
500
Ω
Any combination of above bits can also be programmed, resulting in a parallel combination
of the selected values. For example, 00101 is the parallel combination of 166||250 = 100
Ω
00101
100
Ω
D10-D9
Only when 2-wire interface is selected
00
Byte-wise or bit-wise output, 1x frame clock
11
Word-wise output enabled, 0.5x frame clock
01,10
Do not use
25
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com