Electronic Components Datasheet Search
  English  ▼

X  

0330 Datasheet(PDF) 21 Page - Christian Bürkert GmbH & Co. KG

Part # 0330
Description  Direct-acting 2/2 or 3/2-way pivoted armature valve
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

0330 Datasheet(HTML) 21 Page - Christian Bürkert GmbH & Co. KG

Back Button 0330 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 23Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 24Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Type 0330
21 | 24
Visit product website 
Circuit function
Orifice Body or seat material Seal material
Article no.
024/DC
024/60
120/60
240/60
[mm]
[V/Hz]
[V/Hz]
[V/Hz]
[V/Hz]
CF D
3/2-way solenoid valve
Direct-acting
Normally open
2(B)
1(P)
3(R)
10
2.0
Brass
NBR
o. r.
o. r.
o. r.
o. r.
3.0
Brass
NBR
o. r.
o. r.
o. r.
o. r.
4.0
Brass
NBR
o. r.
o. r.
o. r.
o. r.
CF E
3/2-way mixing valve
(solenoid valve)
2(A)
1(P1)
3(P2)
3.0
PP
FKM
o. r.
o. r.
o. r.
o. r.
EPDM
o. r.
o. r.
o. r.
o. r.
4.0
PP
FKM
o. r.
o. r.
o. r.
o. r.
EPDM
o. r.
o. r.
o. r.
o. r.
CF F
3/2-way distribution
valve (solenoid valve)
Direct-acting
4(A)
2(B)
1(P)
4.0
PP
FKM
o. r.
o. r.
o. r.
o. r.
EPDM
o. r.
o. r.
o. r.
o. r.
CF T
3/2-way solenoid valve
Direct-acting
Flow direction optional
Normally closed
2(A)
1(P)
3(R)
2.0
Brass
FKM
o. r.
o. r.
o. r.
o. r.
Stainless steel
FKM
o. r.
o. r.
o. r.
o. r.
PEEK
FKM
o. r.
o. r.
o. r.
o. r.
EPDM
o. r.
o. r.
o. r.
o. r.
FFKM
o. r.
o. r.
o. r.
o. r.
3.0
Brass
FKM
o. r.
o. r.
o. r.
o. r.
Stainless steel
FKM
o. r.
o. r.
o. r.
o. r.
PEEK
FKM
o. r.
o. r.
o. r.
o. r.
EPDM
o. r.
o. r.
o. r.
o. r.
FFKM
o. r.
o. r.
o. r.
o. r.
o. r. = on request
1.) The listed article numbers and circuit functions have a body with straight pass.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com